Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBT2907F Datasheet(PDF) 2 Page - AUK corp

Part # SBT2907F
Description  PNP Silicon Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SBT2907F Datasheet(HTML) 2 Page - AUK corp

  SBT2907F Datasheet HTML 1Page - AUK corp SBT2907F Datasheet HTML 2Page - AUK corp SBT2907F Datasheet HTML 3Page - AUK corp SBT2907F Datasheet HTML 4Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KST-2081-001
2
SBT2907F
Absolute maximum ratings
Ta=25
°C
Characteristic
Symbol
Ratings
Unit
Collector-Base voltage
VCBO
-60
V
Collector-Emitter voltage
VCEO
-40
V
Emitter-base voltage
VEBO
-5
V
Collector current
IC
-600
mA
Collector dissipation
PC*
350
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
-55~150
°C
* : Package mounted on 99.5% alumina 10
×8×0.6mm
Electrical Characteristics
Ta=25
°C
Characteristic
Symbol
Test Condition
Min. Typ. Max.
Unit
Collector-Base breakdown voltage
BVCBO
IC=-10µA, IE=0
-60
-
-
V
Collector-Emitter breakdown voltage
BVCEO
IC=-1mA, IB=0
-40
-
-
V
Emitter-Base breakdown voltage
BVEBO
IE=-10µA, IC=0
-5
-
-
V
Collector cut-off current
ICBO
VCB=-40V, IE=0
-
-
-20
nA
DC current gain
hFE
VCE=-10V, IC=-10mA
100
-
-
-
Collector-Emitter saturation voltage
VCE(sat)
IC=-150mA, IB=-15mA
-
-
-0.4
V
Transition frequency
fT
VCE=-5.0V, IC=-20mA,
f=100MHz
200
-
-
MHz
Collector output capacitance
Cob
VCB=-10V, IE=0, f=1MHz
-
-
8
pF
Turn-on time
ton
-
-
45
ns
Delay time
td
-
-
10
ns
Rise time
tr
VCC=-30Vdc,IC=-150mAdc,
IB1=-15mAdc
-
-
40
ns
Turn-off time
toff
-
-
100
ns
Storage time
ts
-
-
80
ns
Fall time
tf
VCC=-6.0Vdc,IC=-150mAdc,
IB1=IB2=-15mAdc
-
-
30
ns


Similar Part No. - SBT2907F

ManufacturerPart #DatasheetDescription
logo
AUK corp
SBT2907F AUK-SBT2907F Datasheet
191Kb / 4P
   PNP Silicon Transistor (General purpose application Switching application)
logo
KODENSHI_AUK CORP.
SBT2907F KODENSHI-SBT2907F Datasheet
253Kb / 5P
   PNP Silicon Transistor
SBT2907F KODENSHI-SBT2907F Datasheet
253Kb / 5P
   General purpose application
More results

Similar Description - SBT2907F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BD234 STMICROELECTRONICS-BD234 Datasheet
62Kb / 4P
   SILICON PNP TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HMPS6562 HSMC-HMPS6562 Datasheet
38Kb / 4P
   PNP SILICON TRANSISTOR
logo
AUK corp
SRA2201M AUK-SRA2201M Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2201SF AUK-SRA2201SF Datasheet
51Kb / 3P
   PNP Silicon Transistor
SRA2202UF AUK-SRA2202UF Datasheet
193Kb / 3P
   PNP Silicon Transistor
SRA2204S AUK-SRA2204S Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2206 AUK-SRA2206 Datasheet
49Kb / 3P
   PNP Silicon Transistor
SRA2206EF AUK-SRA2206EF Datasheet
44Kb / 3P
   PNP Silicon Transistor
SRA2206SF AUK-SRA2206SF Datasheet
44Kb / 3P
   PNP Silicon Transistor
STN2907 AUK-STN2907 Datasheet
226Kb / 4P
   PNP Silicon Transistor
STS8550 AUK-STS8550 Datasheet
96Kb / 3P
   PNP Silicon Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com