Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAA50-2S271512SBN Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MAA50-2S271512SBN
Description  Switching Power Supplies
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MAA50-2S271512SBN Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MAA50-2S271512SBN Datasheet HTML 1Page - List of Unclassifed Manufacturers MAA50-2S271512SBN Datasheet HTML 2Page - List of Unclassifed Manufacturers MAA50-2S271512SBN Datasheet HTML 3Page - List of Unclassifed Manufacturers MAA50-2S271512SBN Datasheet HTML 4Page - List of Unclassifed Manufacturers MAA50-2S271512SBN Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
http://www.aedon.ru
e-mail: alexdon@vmail.ru
tel/fax (4732) 519-518
© “Alexander Electric” holding.
All rights reserved.
http://www.aeps-group.com
e-mail: aeps@aeps-group.com
tel/fax +420-266-107-609
Switching Power Supplies
МАА Series MAA50
Single-output models
Module
МАА50-
1S03SХХ
МАА50-
1S05SХХ
МАА50-
1S12SХХ
МАА50-
1S15SХХ
МАА50-
1S24SХХ
МАА50-
1S27SХХ
МАА50-
1S48SХХ
МАА50-
1S68SХХ
Output power
26,4 W
40 W
50 W
Output voltage
3,3 VDC
5 VDC
12 VDC
15 VDC
24 VDC
27 VDC
48 VDC
68 VDC
Output current
8 A
8 А
4,17 А
3,33 А
2,27 А
1,85 А
1,04 А
0,73 А
Dual-output models
Module
МАА50-2S0505SХХ
МАА50-2S1212SХХ
МАА50-2S1515SХХ
Output power
50 W
Channel number
1
2
1
2
1
2
Output voltage
5 VDC
5 VDC
12 VDC
12 VDC
15 VDC
15 VDC
Output current
5 А
5 А
2,1 А
2,1 А
1,67 А
1,67 А
Triple-output models
Module
МАА50-3S051212SХХ
МАА50-3S051515SХХ
Output power
50 W
Channel number
1
2
3
1
2
3
Output voltage
5 VDC
12 VDC
12 VDC
5 VDC
15 VDC
15 VDC
Output current
5 А
1,04А
1,04А
5 А
0,83 А
0,83 А
by request can be delivered modules with non-standard output voltage from 3 to 70 VDC and maximal output current to 8А.
Ordering information
МАА 50 – 3 S 05 15 15 S U N
- MAA Series
- Nominal output power, Watt
- Channel quantity (1, 2, 3)
- - Input voltage
S – 220VAC
K – 115VAC
- Output voltage channel 1, VDC
- Output voltage channel 2, VDC
- Output voltage channel 3, VDC
- Execution with sealing
- Embodiment
B – uniform case with priming
- Operating temperature range of case
N - - 40°С…+85°С
P - - 50°С…+85°С
Rugged environment in operation in
technical equipment of industrial and special purpose.
Low-profile construction
Metal case
Cooling by heat sink or free air convection
Electromagnetic compatibility index to GOST V 25803-91 for group 1.2.1 (curve 2)
Stability to external factors of group 1U GOST RV 20.39.414.1-97 (additional)
Short circuit protection, overload, overvoltage and thermal protection
Galvanic isolated outputs
Acceptance «5»


Similar Part No. - MAA50-2S271512SBN

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MAA512-A SLPOWER-MAA512-A Datasheet
374Kb / 7P
   DC Power Supplies
MAA512-A SLPOWER-MAA512-A Datasheet
720Kb / 7P
   Commercial/Medical International Linears
MAA524-A SLPOWER-MAA524-A Datasheet
374Kb / 7P
   DC Power Supplies
MAA524-A SLPOWER-MAA524-A Datasheet
720Kb / 7P
   Commercial/Medical International Linears
logo
STANLEY ELECTRIC CO.,LT...
MAA5352K STANLEY-MAA5352K Datasheet
402Kb / 33P
   Single Color Rectangular Shape Type
More results

Similar Description - MAA50-2S271512SBN

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPLBU09A TOTAL-POWER-TPLBU09A Datasheet
200Kb / 2P
   Switching Power Supplies
logo
TECHNOLOGY ASSISTANCE B...
TDRSP-BX-3000-12 TAB-TDRSP-BX-3000-12 Datasheet
465Kb / 2P
   SWITCHING POWER SUPPLIES
logo
Technology Dynamics Inc...
PTCP-5-80 TECHNOLOGY-PTCP-5-80 Datasheet
255Kb / 2P
   SWITCHING POWER SUPPLIES
logo
TECHNOLOGY ASSISTANCE B...
NTDX-6000-12 TAB-NTDX-6000-12 Datasheet
380Kb / 2P
   SWITCHING POWER SUPPLIES
PTCP TAB-PTCP Datasheet
255Kb / 2P
   SWITCHING POWER SUPPLIES
logo
Technology Dynamics Inc...
TDRSP-1000-12 TECHNOLOGY-TDRSP-1000-12 Datasheet
410Kb / 2P
   SWITCHING POWER SUPPLIES
logo
Balluff Korea Ltd.
BAE0111 BALLUFF-BAE0111 Datasheet
126Kb / 2P
   Switching Power Supplies
0.28_2021-12-17
BAE0112 BALLUFF-BAE0112 Datasheet
124Kb / 2P
   Switching Power Supplies
0.28_2021-12-17
BAE00TK BALLUFF-BAE00TK Datasheet
129Kb / 2P
   Switching Power Supplies
2.26_2021-05-03
logo
Technology Dynamics Inc...
TCP-5-80 TECHNOLOGY-TCP-5-80 Datasheet
358Kb / 2P
   SWITCHING POWER SUPPLIES
TDRSP-1500-5 TECHNOLOGY-TDRSP-1500-5 Datasheet
176Kb / 2P
   SWITCHING POWER SUPPLIES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com