Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MB90347E Datasheet(PDF) 33 Page - Fujitsu Component Limited.

Part No. MB90347E
Description  16-bit Microcontroller
Download  84 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

MB90347E Datasheet(HTML) 33 Page - Fujitsu Component Limited.

Zoom Inzoom in Zoom Outzoom out
 33 / 84 page
background image
MB90340E Series
33
(Continued)
Address
Register
Abbreviation Access
Resource name
Initial value
0000C4H,
0000C5H
Reserved
0000C6H External Interrupt Enable 0
ENIR0
R/W
External Interrupt 0
00000000B
0000C7H External Interrupt Source 0
EIRR0
R/W
XXXXXXXXB
0000C8H External Interrupt Level Setting 0
ELVR0
R/W
00000000B
0000C9H External Interrupt Level Setting 0
ELVR0
R/W
00000000B
0000CAH External Interrupt Enable 1
ENIR1
R/W
External Interrupt 1
00000000B
0000CBH External Interrupt Source 1
EIRR1
R/W
XXXXXXXXB
0000CCH External Interrupt Level Setting 1
ELVR1
R/W
00000000B
0000CDH External Interrupt Level Setting 1
ELVR1
R/W
00000000B
0000CEH External Interrupt Source Select
EISSR
R/W
00000000B
0000CFH PLL/Sub clock Control Register
PSCCR
W
PLL
XXXX0000B
0000D0H DMA Buffer Address Pointer L Register
BAPL
R/W
DMA
XXXXXXXXB
0000D1H DMA Buffer Address Pointer M Register
BAPM
R/W
XXXXXXXXB
0000D2H DMA Buffer Address Pointer H Register
BAPH
R/W
XXXXXXXXB
0000D3H DMA Control Register
DMACS
R/W
XXXXXXXXB
0000D4H
I/O Register Address Pointer L
Register
IOAL
R/W
XXXXXXXXB
0000D5H
I/O Register Address Pointer H
Register
IOAH
R/W
XXXXXXXXB
0000D6H Data Counter L Register
DCTL
R/W
XXXXXXXXB
0000D7H Data Counter H Register
DCTH
R/W
XXXXXXXXB
0000D8H Serial Mode Register 2
SMR2
W,R/W
UART2
00000000B
0000D9H Serial Control Register 2
SCR2
W,R/W
00000000B
0000DAH
Reception/Transmission Data
Register 2
RDR2/TDR2
R/W
00000000B
0000DBH Serial Status Register 2
SSR2
R,R/W
00001000B
0000DCH
Extended Communication Control
Register 2
ECCR2
R,W,
R/W
000000XXB
0000DDH Extended Status Control Register 2
ESCR2
R/W
00000100B
0000DEH Baud Rate Generator Register 20
BGR20
R/W
00000000B
0000DFH Baud Rate Generator Register 21
BGR21
R/W
00000000B
0000E0H
to
0000EFH
Reserved for CAN Controller 2. Refer to “
■ CAN CONTROLLERS”
0000F0H
to
0000FFH
External


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MB9033016-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
XA-G37XA 16-bit microcontroller family 32K OTP 512 B RAM watchdog 2 UARTs 1 2 3 4 5 MoreNXP Semiconductors
MB90495G16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB9037816-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F36216-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB9098016-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB9088016-Bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F342E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn