Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MB90347E Datasheet(PDF) 28 Page - Fujitsu Component Limited.

Part No. MB90347E
Description  16-bit Microcontroller
Download  84 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

MB90347E Datasheet(HTML) 28 Page - Fujitsu Component Limited.

Zoom Inzoom in Zoom Outzoom out
 28 / 84 page
background image
MB90340E Series
28
■ I/O MAP
(Continued)
Address
Register
Abbreviation
Access
Resource name
Initial value
000000H Port 0 Data Register
PDR0
R/W
Port 0
XXXXXXXXB
000001H Port 1 Data Register
PDR1
R/W
Port 1
XXXXXXXXB
000002H Port 2 Data Register
PDR2
R/W
Port 2
XXXXXXXXB
000003H Port 3 Data Register
PDR3
R/W
Port 3
XXXXXXXXB
000004H Port 4 Data Register
PDR4
R/W
Port 4
XXXXXXXXB
000005H Port 5 Data Register
PDR5
R/W
Port 5
XXXXXXXXB
000006H Port 6 Data Register
PDR6
R/W
Port 6
XXXXXXXXB
000007H Port 7 Data Register
PDR7
R/W
Port 7
XXXXXXXXB
000008H Port 8 Data Register
PDR8
R/W
Port 8
XXXXXXXXB
000009H Port 9 Data Register
PDR9
R/W
Port 9
XXXXXXXXB
00000AH Port A Data Register
PDRA
R/W
Port A
XXXXXXXXB
00000BH Port 5 Analog Input Enable Register
ADER5
R/W
Port 5, A/D
11111111B
00000CH Port 6 Analog Input Enable Register
ADER6
R/W
Port 6, A/D
11111111B
00000DH Port 7 Analog Input Enable Register
ADER7
R/W
Port 7, A/D
11111111B
00000EH Input Level Select Register 0
ILSR0
R/W
Ports
XXXXXXXXB
00000FH Input Level Select Register 1
ILSR1
R/W
Ports
XXXX0XXXB
000010H Port 0 Direction Register
DDR0
R/W
Port 0
00000000B
000011H Port 1 Direction Register
DDR1
R/W
Port 1
00000000B
000012H Port 2 Direction Register
DDR2
R/W
Port 2
00000000B
000013H Port 3 Direction Register
DDR3
R/W
Port 3
00000000B
000014H Port 4 Direction Register
DDR4
R/W
Port 4
00000000B
000015H Port 5 Direction Register
DDR5
R/W
Port 5
00000000B
000016H Port 6 Direction Register
DDR6
R/W
Port 6
00000000B
000017H Port 7 Direction Register
DDR7
R/W
Port 7
00000000B
000018H Port 8 Direction Register
DDR8
R/W
Port 8
00000000B
000019H Port 9 Direction Register
DDR9
R/W
Port 9
00000000B
00001AH Port A Direction Register
DDRA
R/W
Port A
00000100B
00001BH
Reserved
00001CH Port 0 Pull-up Control Register
PUCR0
R/W
Port 0
00000000B
00001DH Port 1 Pull-up Control Register
PUCR1
R/W
Port 1
00000000B
00001EH Port 2 Pull-up Control Register
PUCR2
R/W
Port 2
00000000B
00001FH Port 3 Pull-up Control Register
PUCR3
W, R/W
Port 3
00000000B


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MB9033016-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
XA-G37XA 16-bit microcontroller family 32K OTP 512 B RAM watchdog 2 UARTs 1 2 3 4 5 MoreNXP Semiconductors
MB90495G16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB9037816-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F36216-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB9098016-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB9088016-Bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F342E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn