Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MB90347E Datasheet(PDF) 25 Page - Fujitsu Component Limited.

Part No. MB90347E
Description  16-bit Microcontroller
Download  84 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

MB90347E Datasheet(HTML) 25 Page - Fujitsu Component Limited.

Zoom Inzoom in Zoom Outzoom out
 25 / 84 page
background image
MB90340E Series
25
■ BLOCK DIAGRAMS
MB90341E(S), MB90341CE(S), MB90342E(S), MB90342CE(S), MB90F342E(S), MB90F342CE(S), MB90F343E(S), MB90F343CE(S),
MB90F345E(S), MB90F345CE(S), MB90346E(S), MB90346CE(S), MB90F346E(S), MB90F346CE(S), MB90347E(S), MB90347CE(S),
MB90F347E(S), MB90F347CE(S), MB90348E(S), MB90348CE(S), MB90349E(S), MB90349CE(S), MB90F349E(S), MB90F349CE(S)
RAM
ROM/Flash
UART
Prescaler
8/10-bit
16/24
16-bit Reload
IO Timer 0
Clock
Controller
Input
Capture
8 channels
Output
Compare
8 channels
CAN
Controller
External
Interrupt
16LX
CPU
X0,X1
RST
SOT3 to SOT0
SCK3 to SCK0
SIN3 to SIN0
AVCC
AVSS
AN15 to AN0
AVRH
AVRL
ADTG
TIN3 to TIN0
TOT3 to TOT0
IN7 to IN0
OUT7 to OUT0
RX0, RX1*3
TX0, TX1*3
INT15 to INT8
External
Bus
Interface
AD15 to AD00
A23 to A16
ALE
RD
WR/WRL
WRH
HRQ
HAK
RDY
CLK
X0A,X1A*1
64 K/128 K
4 channels
IO Timer 1
FRCK0
FRCK1
8/16-bit
PPG
16 channels
PPGF to PPG0
4 channels
I2C
Interface
SDA1, SDA0*2
SCL1, SCL0*2
2 channels
AN23 to AN16*2
2 K/6 K/16 K/
20 Kbytes
256 K/384 K/
*1 : Only for devices with an S suffix in the part number
*2 : Only for devices with a C suffix in the part number
*3 : Only the MB90341E(S)/ 341CE(S)/ 342E(S)/ 342CE(S)/ F342E(S)/F342CE(S)/F343E(S)/F343CE(S)/
F345E(S)/F345CE(S) are equipped with 2 CAN channels
Clock
Monitor
CKOT
(INT15R to INT8R)
INT7 to INT0
512 Kbytes
A/D Converter
16 channels
channels
Timer
4
channels
1/2 channels*3


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MB9033016-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
XA-G37XA 16-bit microcontroller family 32K OTP 512 B RAM watchdog 2 UARTs 1 2 3 4 5 MoreNXP Semiconductors
MB90495G16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB9037816-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F36216-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB9098016-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB9088016-Bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F342E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn