Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MB90347E Datasheet(PDF) 16 Page - Fujitsu Component Limited.

Part No. MB90347E
Description  16-bit Microcontroller
Download  84 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

MB90347E Datasheet(HTML) 16 Page - Fujitsu Component Limited.

Zoom Inzoom in Zoom Outzoom out
 16 / 84 page
background image
MB90340E Series
16
(Continued)
Pin No.
Pin name
I/O
Circuit
type*3
Function
QFP100*1 LQFP100*2
86
84
P11
G
General purpose I/O pin. The register can be set to select
whether to use a pull-up resistor. This function is enabled in
single-chip mode.
AD09
I/O pin for the external address/data bus. This function is
enabled when the external bus is enabled.
TOT1
Output pin for the reload timer
87
85
P12
N
General purpose I/O pin. The register can be set to select
whether to use a pull-up resistor.
This function is enabled in single-chip mode.
AD10
I/O pin for the external address/data bus. This function is
enabled when the external bus is enabled.
SIN3
Serial data input pin for UART3
INT11R
External interrupt request input pin
88
86
P13
G
General purpose I/O pin. The register can be set to select
whether to use a pull-up resistor.
This function is enabled in single-chip mode.
AD11
I/O pin for the external address/data bus. This function is
enabled when the external bus is enabled.
SOT3
Serial data output pin for UART3
89
87
P14
G
General purpose I/O pin. The register can be set to select
whether to use a pull-up resistor.
This function is enabled in single-chip mode.
AD12
I/O pin for the external address/data bus. This function is
enabled when the external bus is enabled.
SCK3
Clock I/O pin for UART3
90
88
VCC
Power (3.5 V to 5.5 V) input pin
91
89
VSS
GND pin
92
90
X1
A
Main clock output pin
93
91
X0
Main clock input pin
94
92
P15
G
General purpose I/O pin. The register can be set to select
whether to use a pull-up resistor.
This function is enabled in single-chip mode.
AD13
I/O pin for the external address/data bus. This function is
enabled when the external bus is enabled.
95
93
P16
G
General purpose I/O pin. The register can be set to select
whether to use a pull-up resistor.
This function is enabled in single-chip mode.
AD14
I/O pin for the external address/data bus. This function is
enabled when the external bus is enabled.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MB9033016-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
XA-G37XA 16-bit microcontroller family 32K OTP 512 B RAM watchdog 2 UARTs 1 2 3 4 5 MoreNXP Semiconductors
MB90495G16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB9037816-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F36216-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB9098016-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB9088016-Bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F342E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn