Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MB90347E Datasheet(PDF) 15 Page - Fujitsu Component Limited.

Part No. MB90347E
Description  16-bit Microcontroller
Download  84 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

MB90347E Datasheet(HTML) 15 Page - Fujitsu Component Limited.

Zoom Inzoom in Zoom Outzoom out
 15 / 84 page
background image
MB90340E Series
15
(Continued)
Pin No.
Pin name
I/O
Circuit
type*3
Function
QFP100*1 LQFP100*2
61
59
P84
F
General purpose I/O pin.
SCK0
Clock I/O pin for UART0
INT15R
External interrupt request input pin
62
60
P85
M
General purpose I/O pin.
SIN1
Serial data input pin for UART1
63
61
P86
F
General purpose I/O pin.
SOT1
Serial data output pin for UART1
64
62
P87
F
General purpose I/O pin.
SCK1
Clock I/O pin for UART1
65
63
VCC
Power (3.5 V to 5.5 V) input pin
66
64
VSS
GND pin
67 to 70
65 to 68
P90 to P93
F
General purpose I/O pins
PPG1, 3, 5, 7
Output pins for PPGs
71 to 74
69 to 72
P94 to P97
F
General purpose I/O pins
OUT0 to
OUT3
Waveform output pins for output compares. This function is
enabled when the OCU enables waveform output.
75
73
PA0
F
General purpose I/O pin.
RX0
RX input pin for CAN0 Interface
INT8R
External interrupt request input pin
76
74
PA1
F
General purpose I/O pin.
TX0
TX Output pin for CAN0
77 to 84
75 to 82
P00 to P07
G
General purpose I/O pins. The register can be set to select
whether to use a pull-up resistor. This function is enabled in
single-chip mode.
AD00 to AD07
I/O pins for 8 lower bits of the external address/data bus.
This function is enabled when the external bus is enabled.
INT8 to INT15
External interrupt request input pins.
85
83
P10
G
General purpose I/O pin. The register can be set to select
whether to use a pull-up resistor.
This function is enabled in single-chip mode.
AD08
I/O pin for the external address/data bus.
This function is enabled when the external bus is enabled.
TIN1
Event input pin for the reload timer


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MB9033016-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
XA-G37XA 16-bit microcontroller family 32K OTP 512 B RAM watchdog 2 UARTs 1 2 3 4 5 MoreNXP Semiconductors
MB90495G16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB9037816-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F36216-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB9098016-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB9088016-Bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F342E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn