Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB90347E Datasheet(PDF) 13 Page - Fujitsu Component Limited.

Part No. MB90347E
Description  16-bit Microcontroller
Download  84 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90347E Datasheet(HTML) 13 Page - Fujitsu Component Limited.

Back Button MB90347E Datasheet HTML 9Page - Fujitsu Component Limited. MB90347E Datasheet HTML 10Page - Fujitsu Component Limited. MB90347E Datasheet HTML 11Page - Fujitsu Component Limited. MB90347E Datasheet HTML 12Page - Fujitsu Component Limited. MB90347E Datasheet HTML 13Page - Fujitsu Component Limited. MB90347E Datasheet HTML 14Page - Fujitsu Component Limited. MB90347E Datasheet HTML 15Page - Fujitsu Component Limited. MB90347E Datasheet HTML 16Page - Fujitsu Component Limited. MB90347E Datasheet HTML 17Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 84 page
background image
MB90340E Series
13
(Continued)
Pin No.
Pin name
I/O
Circuit
type*3
Function
QFP100*1 LQFP100*2
19
17
P43
F
General purpose I/O pin.
IN7
Trigger input pin for input capture.
TX1
TX Output pin for CAN1
(MB90341E/342E/F342E/F343E/F345E only)
20
18
P44
H
General purpose I/O pin.
SDA0
Serial data I/O pin for I2C (devices with a C suffix in the part
number)
FRCK0
Input pin for the 16-bit I/O Timer 0
21
19
P45
H
General purpose I/O pin.
SCL0
Serial clock I/O pin for I2C (devices with a C suffix in the part
number)
FRCK1
Input pin for the 16-bit I/O Timer
22
20
P46
H
General purpose I/O pin.
SDA1
Serial data I/O pin for I2C (devices with a C suffix in the part
number)
23
21
P47
H
General purpose I/O pin.
SCL1
Serial clock I/O pin for I2C (devices with a C suffix in the part
number)
24
22
P50
O
General purpose I/O pin.
AN8
Analog input pin for the A/D converter
SIN2
Serial data input pin for UART2
25
23
P51
I
General purpose I/O pin.
AN9
Analog input pin for the A/D converter
SOT2
Serial data output pin for UART2
26
24
P52
I
General purpose I/O pin.
AN10
Analog input pin for the A/D converter
SCK2
Clock I/O pin for UART2
27
25
P53
I
General purpose I/O pin.
AN11
Analog input pin for the A/D converter
TIN3
Event input pin for the reload timer
28
26
P54
I
General purpose I/O pin.
AN12
Analog input pin for the A/D converter
TOT3
Output pin for the reload timer
29
27
P55
I
General purpose I/O pin.
AN13
Analog input pin for the A/D converter
30, 31
28, 29
P56, P57
J
General purpose I/O pins.
AN14, AN15
Analog input pins for the A/D converter
32
30
AVCC
K
Analog power input pin for the A/D Converter


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MB9033016-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
XA-G37XA 16-bit microcontroller family 32K OTP 512 B RAM watchdog 2 UARTs 1 2 3 4 5 MoreNXP Semiconductors
MB90495G16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB9037816-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F36216-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB9098016-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB9088016-Bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F342E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn