Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB90347E Datasheet(PDF) 66 Page - Fujitsu Component Limited.

Part No. MB90347E
Description  16-bit Microcontroller
Download  84 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90347E Datasheet(HTML) 66 Page - Fujitsu Component Limited.

Back Button MB90347E Datasheet HTML 62Page - Fujitsu Component Limited. MB90347E Datasheet HTML 63Page - Fujitsu Component Limited. MB90347E Datasheet HTML 64Page - Fujitsu Component Limited. MB90347E Datasheet HTML 65Page - Fujitsu Component Limited. MB90347E Datasheet HTML 66Page - Fujitsu Component Limited. MB90347E Datasheet HTML 67Page - Fujitsu Component Limited. MB90347E Datasheet HTML 68Page - Fujitsu Component Limited. MB90347E Datasheet HTML 69Page - Fujitsu Component Limited. MB90347E Datasheet HTML 70Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 84 page
background image
MB90340E Series
66
6.
Definition of A/D Converter Terms
(Continued)
Resolution
: Analog variation that is recognized by the A/D converter.
Non linearity
error
: The deviation between the actual conversion characteristics and a line that joins the
zero-transition line ( “00 0000 0000”
← → “00 0000 0001” ) to the full-scale transition line
( “11 1111 1110”
← → “11 1111 1111” ) .
Differential
linearity error
: Deviation of input voltage, which is required for changing output code by 1 LSB, from an
ideal value.
Total error
: Difference between the actual value and the ideal value. The total error includes zero
transition error, full-scale transition error, and linear error.
3FFH
3FEH
3FDH
004H
003H
002H
001H
AVRL
AVRH
VNT
1.5 LSB
0.5 LSB
{1 LSB
× (N − 1) + 0.5 LSB}
Actual conversion
characteristics
(Actually-measured value)
Actual conversion
characteristics
Ideal characteristics
Analog input
Total error
Total error of digital output “N”
=
VNT
− {1 LSB × (N − 1) + 0.5 LSB}
1 LSB
[LSB]
1 LSB (Ideal value)
=
AVRH
− AVRL
1024
[V]
VOT (Ideal value)
= AVRL + 0.5 LSB [V]
VFST (Ideal value)
= AVRH − 1.5 LSB [V]
VNT : A voltage at which the digital output transitions from (N
− 1)H to NH.
N : Value of the digital output from the A/D converter


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MB9033016-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
XA-G37XA 16-bit microcontroller family 32K OTP 512 B RAM watchdog 2 UARTs 1 2 3 4 5 MoreNXP Semiconductors
MB90495G16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB9037816-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F36216-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB9098016-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB9088016-Bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F342E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn