Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MB90347E Datasheet(PDF) 65 Page - Fujitsu Component Limited.

Part No. MB90347E
Description  16-bit Microcontroller
Download  84 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

MB90347E Datasheet(HTML) 65 Page - Fujitsu Component Limited.

Zoom Inzoom in Zoom Outzoom out
 65 / 84 page
background image
MB90340E Series
65
5.
A/D Converter
(TA
= −40 °C to +105 °C, 3.0 V ≤ AVRH − AVRL, VCC = AVCC = 5.0 V ± 10%, fCP ≤ 24 MHz, VSS = AVSS = 0 V)
*: If the A/D convertor is not operating, a current when CPU is stopped is applicable (VCC
= AVCC = AVRH = 5.0 V) .
Note: The accuracy gets worse as |AVRH
− AVRL| becomes smaller.
Parameter
Symbol
Pin
Value
Unit
Remarks
Min
Typ
Max
Resolution
⎯⎯
10
bit
Total error
⎯⎯
±3.0
LSB
Nonlinearity error
⎯⎯
±2.5
LSB
Differential
nonlinearity error
⎯⎯
±1.9
LSB
Zero reading
voltage
VOT
AN0 to AN23 AVRL
− 1.5 AVRL + 0.5 AVRL + 2.5 LSB
Full scale reading
voltage
VFST
AN0 to AN23 AVRH
− 3.5 AVRH − 1.5 AVRH + 0.5 LSB
Compare time
⎯⎯
1.0
16500
µs
4.5 V
≤ AVCC ≤ 5.5 V
2.0
4.0 V
≤ AVCC < 4.5 V
Sampling time
⎯⎯
0.5
µs
4.5 V
≤ AVCC ≤ 5.5 V
1.2
4.0 V
≤ AVCC < 4.5 V
Analog port input
current
IAIN
AN0 to AN23
−0.3
⎯+0.3
µA
Analog input
voltage range
VAIN
AN0 to AN23
AVRL
AVRH
V
Reference
voltage range
AVRH
AVRL
+ 2.7
AVCC
V
AVRL
0
AVRH
− 2.7
V
Power supply
current
IA
AVCC
3.5
7.5
mA
IAH
AVCC
⎯⎯
5
µA*
Reference
voltage current
IR
AVRH
600
900
µA
IRH
AVRH
⎯⎯
5
µA*
Offset between
input channels
AN0 to AN23
⎯⎯
4LSB


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MB9033016-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
XA-G37XA 16-bit microcontroller family 32K OTP 512 B RAM watchdog 2 UARTs 1 2 3 4 5 MoreNXP Semiconductors
MB90495G16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB9037816-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F36216-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB9098016-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB9088016-Bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F342E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn