Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB90347E Datasheet(PDF) 54 Page - Fujitsu Component Limited.

Part No. MB90347E
Description  16-bit Microcontroller
Download  84 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90347E Datasheet(HTML) 54 Page - Fujitsu Component Limited.

Back Button MB90347E Datasheet HTML 50Page - Fujitsu Component Limited. MB90347E Datasheet HTML 51Page - Fujitsu Component Limited. MB90347E Datasheet HTML 52Page - Fujitsu Component Limited. MB90347E Datasheet HTML 53Page - Fujitsu Component Limited. MB90347E Datasheet HTML 54Page - Fujitsu Component Limited. MB90347E Datasheet HTML 55Page - Fujitsu Component Limited. MB90347E Datasheet HTML 56Page - Fujitsu Component Limited. MB90347E Datasheet HTML 57Page - Fujitsu Component Limited. MB90347E Datasheet HTML 58Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 84 page
background image
MB90340E Series
54
Guaranteed PLL operation range
Guaranteed operation range of MB90340E series
* : When using a crystal oscillator or ceramic oscillator, the maximum oscillation clock frequency is 16 MHz
24
5.5
3.5
1.5
4
Guaranteed operation range
Guaranteed PLL operation range
4.0
Guaranteed A/D Converter
operation range
Machine clock fCP (MHz)
24
4.0
16
12
3
4
12
24
External clock fC (MHz) *
x 4
x 3
x 2
x 1
x 1/2
(PLL off)
8
8
Guaranteed oscillation frequency range
1.5
16
x 6


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MB9033016-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
XA-G37XA 16-bit microcontroller family 32K OTP 512 B RAM watchdog 2 UARTs 1 2 3 4 5 MoreNXP Semiconductors
MB90495G16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB9037816-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F36216-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB9098016-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB9088016-Bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F342E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn