Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB90347E Datasheet(PDF) 53 Page - Fujitsu Component Limited.

Part No. MB90347E
Description  16-bit Microcontroller
Download  84 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90347E Datasheet(HTML) 53 Page - Fujitsu Component Limited.

Back Button MB90347E Datasheet HTML 49Page - Fujitsu Component Limited. MB90347E Datasheet HTML 50Page - Fujitsu Component Limited. MB90347E Datasheet HTML 51Page - Fujitsu Component Limited. MB90347E Datasheet HTML 52Page - Fujitsu Component Limited. MB90347E Datasheet HTML 53Page - Fujitsu Component Limited. MB90347E Datasheet HTML 54Page - Fujitsu Component Limited. MB90347E Datasheet HTML 55Page - Fujitsu Component Limited. MB90347E Datasheet HTML 56Page - Fujitsu Component Limited. MB90347E Datasheet HTML 57Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 84 page
background image
MB90340E Series
53
4.
AC Characteristics
(1) Clock Timing
(TA
= −40 °C to +105 °C, VCC = 5.0 V ± 10%, fCP ≤ 24 MHz, VSS = AVSS = 0 V)
* : When selecting the PLL clock, the range of clock frequency is limited. Use this product within the range as
mentioned in “Relation between the external clock frequency and machine clock frequency”.
Parameter
Symbol
Pin
Value
Unit
Remarks
Min
Typ
Max
Clock frequency
fC
X0, X1
3
16
MHz
When using an oscillation
circuit
X0, X1
3
24
MHz
When using an external
clock*
fCL
X0A, X1A
32.768
100
kHz
Clock cycle time
tCYL
X0, X1
62.5
333
ns
When using an oscillation
circuit
X0, X1
41.67
333
ns
When using an external
clock
tCYLL
X0A, X1A
10
30.5
µs
Input clock pulse width
PWH, PWL
X0
10
⎯⎯
ns
Duty ratio is about 30
% to
70
%.
PWHL, PWLL
X0A
5
15.2
⎯µs
Input clock rise and fall time
tCR, tCF
X0
⎯⎯
5
ns
When using external clock
Internal operating clock
frequency (machine clock)
fCP
1.5
24
MHz
When using main clock
fCPL
⎯⎯
8.192
50
kHz
When using sub clock
Internal operating clock
cycle time (machine clock)
tCP
41.67
666
ns
When using main clock
tCPL
20
122.1
⎯µs
When using sub clock
X0
tCYL
tCF
tCR
0.8 VCC
0.2 VCC
PWH
PWL
X0A
tCYLL
tCF
tCR
0.8 VCC
0.2 VCC
PWHL
PWLL
Clock Timing


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MB9033016-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
XA-G37XA 16-bit microcontroller family 32K OTP 512 B RAM watchdog 2 UARTs 1 2 3 4 5 MoreNXP Semiconductors
MB90495G16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB9037816-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F36216-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB9098016-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB9088016-Bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F342E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn