Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB90347E Datasheet(PDF) 37 Page - Fujitsu Component Limited.

Part No. MB90347E
Description  16-bit Microcontroller
Download  84 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90347E Datasheet(HTML) 37 Page - Fujitsu Component Limited.

Back Button MB90347E Datasheet HTML 33Page - Fujitsu Component Limited. MB90347E Datasheet HTML 34Page - Fujitsu Component Limited. MB90347E Datasheet HTML 35Page - Fujitsu Component Limited. MB90347E Datasheet HTML 36Page - Fujitsu Component Limited. MB90347E Datasheet HTML 37Page - Fujitsu Component Limited. MB90347E Datasheet HTML 38Page - Fujitsu Component Limited. MB90347E Datasheet HTML 39Page - Fujitsu Component Limited. MB90347E Datasheet HTML 40Page - Fujitsu Component Limited. MB90347E Datasheet HTML 41Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 84 page
background image
MB90340E Series
37
(Continued)
Address
Register
Abbreviation
Access
Resource name
Initial value
007970H I2C Bus Status Register 0
IBSR0
R
I2C Interface 0
00000000B
007971H I2C Bus Control Register 0
IBCR0
W,R/W
00000000B
007972H
I2C 10-bit Slave Address Register 0
ITBAL0
R/W
00000000B
007973H
ITBAH0
R/W
00000000B
007974H I2C 10-bit Slave Address Mask
Register 0
ITMKL0
R/W
11111111B
007975H
ITMKH0
R/W
00111111B
007976H I2C 7-bit Slave Address Register 0
ISBA0
R/W
00000000B
007977H I2C 7-bit Slave Address Mask Register 0
ISMK0
R/W
01111111B
007978H I2C Data Register 0
IDAR0
R/W
00000000B
007979H,
00797AH
Reserved
00797BH I2C Clock Control Register 0
ICCR0
R/W
I2C Interface 0
00011111B
00797CH
to
00797FH
Reserved
007980H I2C Bus Status Register 1
IBSR1
R
I2C Interface 1
00000000B
007981H I2C Bus Control Register 1
IBCR1
W,R/W
00000000B
007982H
I2C 10-bit Slave Address Register 1
ITBAL1
R/W
00000000B
007983H
ITBAH1
R/W
00000000B
007984H I2C 10-bit Slave Address Mask
Register 1
ITMKL1
R/W
11111111B
007985H
ITMKH1
R/W
00111111B
007986H I2C 7-bit Slave Address Register 1
ISBA1
R/W
00000000B
007987H I2C 7-bit Slave Address Mask Register 1
ISMK1
R/W
01111111B
007988H I2C Data Register 1
IDAR1
R/W
00000000B
007989H,
00798AH
Reserved
00798BH I2C Clock Control Register 1
ICCR1
R/W
I2C Interface 1
00011111B
00798CH
to
0079C1H
Reserved
0079C2H Clock Modulator Control Register
CMCR
R, R/W
Clock Modulator
0001X000B
0079C3H
to
0079DFH
Reserved


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MB9033016-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
XA-G37XA 16-bit microcontroller family 32K OTP 512 B RAM watchdog 2 UARTs 1 2 3 4 5 MoreNXP Semiconductors
MB90495G16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB9037816-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F36216-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB9098016-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB9088016-Bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F342E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn