Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MB90347E Datasheet(PDF) 34 Page - Fujitsu Component Limited.

Part No. MB90347E
Description  16-bit Microcontroller
Download  84 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

MB90347E Datasheet(HTML) 34 Page - Fujitsu Component Limited.

Zoom Inzoom in Zoom Outzoom out
 34 / 84 page
background image
MB90340E Series
34
(Continued)
Address
Register
Abbreviation
Access
Resource name
Initial value
007900H
Reload Register L0
PRLL0
R/W
16-bit PPG 0/1
XXXXXXXXB
007901H
Reload Register H0
PRLH0
R/W
XXXXXXXXB
007902H
Reload Register L1
PRLL1
R/W
XXXXXXXXB
007903H
Reload Register H1
PRLH1
R/W
XXXXXXXXB
007904H
Reload Register L2
PRLL2
R/W
16-bit PPG 2/3
XXXXXXXXB
007905H
Reload Register H2
PRLH2
R/W
XXXXXXXXB
007906H
Reload Register L3
PRLL3
R/W
XXXXXXXXB
007907H
Reload Register H3
PRLH3
R/W
XXXXXXXXB
007908H
Reload Register L4
PRLL4
R/W
16-bit PPG 4/5
XXXXXXXXB
007909H
Reload Register H4
PRLH4
R/W
XXXXXXXXB
00790AH
Reload Register L5
PRLL5
R/W
XXXXXXXXB
00790BH
Reload Register H5
PRLH5
R/W
XXXXXXXXB
00790CH
Reload Register L6
PRLL6
R/W
16-bit PPG 6/7
XXXXXXXXB
00790DH
Reload Register H6
PRLH6
R/W
XXXXXXXXB
00790EH
Reload Register L7
PRLL7
R/W
XXXXXXXXB
00790FH
Reload Register H7
PRLH7
R/W
XXXXXXXXB
007910H
Reload Register L8
PRLL8
R/W
16-bit PPG 8/9
XXXXXXXXB
007911H
Reload Register H8
PRLH8
R/W
XXXXXXXXB
007912H
Reload Register L9
PRLL9
R/W
XXXXXXXXB
007913H
Reload Register H9
PRLH9
R/W
XXXXXXXXB
007914H
Reload Register LA
PRLLA
R/W
16-bit PPG A/B
XXXXXXXXB
007915H
Reload Register HA
PRLHA
R/W
XXXXXXXXB
007916H
Reload Register LB
PRLLB
R/W
XXXXXXXXB
007917H
Reload Register HB
PRLHB
R/W
XXXXXXXXB
007918H
Reload Register LC
PRLLC
R/W
16-bit PPG C/D
XXXXXXXXB
007919H
Reload Register HC
PRLHC
R/W
XXXXXXXXB
00791AH
Reload Register LD
PRLLD
R/W
XXXXXXXXB
00791BH
Reload Register HD
PRLHD
R/W
XXXXXXXXB
00791CH
Reload Register LE
PRLLE
R/W
16-bit PPG E/F
XXXXXXXXB
00791DH
Reload Register HE
PRLHE
R/W
XXXXXXXXB
00791EH
Reload Register LF
PRLLF
R/W
XXXXXXXXB
00791FH
Reload Register HF
PRLHF
R/W
XXXXXXXXB
007920H
Input Capture 0
IPCP0
R
Input Capture 0/1
XXXXXXXXB
007921H
Input Capture 0
IPCP0
R
XXXXXXXXB
007922H
Input Capture 1
IPCP1
R
XXXXXXXXB
007923H
Input Capture 1
IPCP1
R
XXXXXXXXB


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MB9033016-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
XA-G37XA 16-bit microcontroller family 32K OTP 512 B RAM watchdog 2 UARTs 1 2 3 4 5 MoreNXP Semiconductors
MB90495G16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB9037816-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F36216-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB9098016-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB9088016-Bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F342E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn