Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90867ESPF Datasheet(PDF) 21 Page - Fujitsu Component Limited.

Part # MB90867ESPF
Description  16-bit Proprietary Microcontroller
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90867ESPF Datasheet(HTML) 21 Page - Fujitsu Component Limited.

Back Button MB90867ESPF Datasheet HTML 17Page - Fujitsu Component Limited. MB90867ESPF Datasheet HTML 18Page - Fujitsu Component Limited. MB90867ESPF Datasheet HTML 19Page - Fujitsu Component Limited. MB90867ESPF Datasheet HTML 20Page - Fujitsu Component Limited. MB90867ESPF Datasheet HTML 21Page - Fujitsu Component Limited. MB90867ESPF Datasheet HTML 22Page - Fujitsu Component Limited. MB90867ESPF Datasheet HTML 23Page - Fujitsu Component Limited. MB90867ESPF Datasheet HTML 24Page - Fujitsu Component Limited. MB90867ESPF Datasheet HTML 25Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 67 page
background image
MB90860E Series
21
■ HANDLING DEVICES
1.
Preventing latch-up
CMOS IC may suffer latch-up under the following conditions :
• A voltage higher than VCC or lower than VSS is applied to an input or output pin.
• A voltage higher than the rated voltage is applied between VCC and VSS pins.
• The AVCC power supply is applied before the VCC voltage.
Latch-up may increase the power supply current drastically, causing thermal damage to the device.
For the same reason, also be careful not to let the analog power-supply voltage (AVCC, AVRH) exceed the digital
power-supply voltage.
2.
Handling unused pins
Leaving unused input pins open may result in misbehavior or latch up and possible permanent damage of the
device. Therefore they must be pulled up or pulled down through resistors. In this case those resistors should
be more than 2 k
Ω .
Unused bidirectional pins should be set to the output state and can be left open, or the input state with the above
described connection.
3.
Power supply pins (VCC/VSS)
• If there are multiple VCC and VSS pins, from the point of view of device design, pins to be of the same potential
are connected the inside of the device to prevent such malfunctioning as latch up.
To reduce unnecessary radiation, prevent malfunctioning of the strobe signal due to the rise of ground level,
and observe the standard for total output current, be sure to connect the VCC and VSS pins to the power supply
and ground externally.
• Connect VCC and VSS to the device from the current supply source at a low impedance.
• As a measure against power supply noise, connect a capacitor of about 0.1
µF as a bypass capacitor between
VCC and VSS in the vicinity of VCC and VSS pins of the device
4.
Mode Pin (MD0 to MD2)
Connect the mode pin directly to VCC or VSS pins.
To prevent the device unintentionally entering test mode due to noise, lay out the printed circuit board so as to
minimize the distance from the mode pins to VCC or VSS pins and to provide a low-impedance connection.
Vcc
Vss
Vss
Vcc
Vss
Vcc
MB90860E
Series
Vcc
Vss
Vcc
Vss


Similar Part No. - MB90867ESPF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90867ESPF FUJITSU-MB90867ESPF Datasheet
972Kb / 67P
   16-bit Proprietary Microcontroller CMOS
MB90867ESPFV FUJITSU-MB90867ESPFV Datasheet
972Kb / 67P
   16-bit Proprietary Microcontroller CMOS
More results

Similar Description - MB90867ESPF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com