Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90867EPF Datasheet(PDF) 50 Page - Fujitsu Component Limited.

Part # MB90867EPF
Description  16-bit Proprietary Microcontroller
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90867EPF Datasheet(HTML) 50 Page - Fujitsu Component Limited.

Back Button MB90867EPF Datasheet HTML 46Page - Fujitsu Component Limited. MB90867EPF Datasheet HTML 47Page - Fujitsu Component Limited. MB90867EPF Datasheet HTML 48Page - Fujitsu Component Limited. MB90867EPF Datasheet HTML 49Page - Fujitsu Component Limited. MB90867EPF Datasheet HTML 50Page - Fujitsu Component Limited. MB90867EPF Datasheet HTML 51Page - Fujitsu Component Limited. MB90867EPF Datasheet HTML 52Page - Fujitsu Component Limited. MB90867EPF Datasheet HTML 53Page - Fujitsu Component Limited. MB90867EPF Datasheet HTML 54Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 67 page
background image
MB90860E Series
50
(6) Bus Timing (Write)
(TA
= −40 °C to +105 °C, VCC = 5.0 V ± 10%, VSS = 0.0 V, fCP ≤ 24 MHz)
Parameter
Symbol
Pin
Condition
Value
Unit
Min
Max
Valid address
→ WR ↓ time
tAVWL
A23 to A16,
AD15 to AD00,
WR
tCP
−15
ns
WR pulse width
tWLWH
WR
3 tCP/2
− 20
ns
Valid data output
→ WR ↑ time
tDVWH
AD15 to AD00,
WR
3 tCP/2
− 20
ns
WR
↑ → Data hold time
tWHDX
AD15 to AD00,
WR
15
ns
WR
↑ → Address valid time
tWHAX
A23 to A16, WR
tCP/2
− 10
ns
WR
↑ → ALE ↑ time
tWHLH
WR, ALE
tCP/2
− 15
ns
WR
↓ → CLK ↑ time
tWLCH
WR, CLK
tCP/2
− 15
ns
CLK
tWLCH
2.4 V
ALE
tWHLH
2.4 V
WR (WRL, WRH)
tWLWH
0.8 V
2.4 V
tAVWL
A23 to A16
0.8 V
2.4 V
2.4 V
0.8 V
tWHAX
AD15 to AD00
2.4 V
0.8 V
Address
0.8 V
2.4 V
Write data
tDVWH
0.8 V
2.4 V
tWHDX


Similar Part No. - MB90867EPF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90867EPF FUJITSU-MB90867EPF Datasheet
972Kb / 67P
   16-bit Proprietary Microcontroller CMOS
MB90867EPFV FUJITSU-MB90867EPFV Datasheet
972Kb / 67P
   16-bit Proprietary Microcontroller CMOS
More results

Similar Description - MB90867EPF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com