Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S7915PIC Datasheet(PDF) 6 Page - AUK corp

Part # S7915PIC
Description  Fixed-Negative-Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

S7915PIC Datasheet(HTML) 6 Page - AUK corp

  S7915PIC Datasheet HTML 1Page - AUK corp S7915PIC Datasheet HTML 2Page - AUK corp S7915PIC Datasheet HTML 3Page - AUK corp S7915PIC Datasheet HTML 4Page - AUK corp S7915PIC Datasheet HTML 5Page - AUK corp S7915PIC Datasheet HTML 6Page - AUK corp S7915PIC Datasheet HTML 7Page - AUK corp S7915PIC Datasheet HTML 8Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
KSD-I0T003-001
6
S79xxPIC
Electrical Characteristics
(TJ = 0 to 125℃, Vin= -23V, Iout=500mA, unless otherwise specified.)
S7915PIC
Characteristic
Symbol
Test Condition*
Min.
Typ.
Max.
Unit
Tj =25℃
-15.6
-15.0
-14.4
Output Voltage**
VOUT
IOUT=5mA ~ 1A, VIN=-30V ~ -17.5V
-15.75
-15.0
-14.25
V
VIN=-30V ~ -17.5V
-
5
100
Line Regulation
VOUT
VIN=-26V ~ -20V
Tj =25℃
-
3
50
mV
IOUT=5mA ~ 1.0A
-
15
200
Load Regulation
VOUT
IOUT=250mA ~ 750mA
Tj =25℃
-
5
75
mV
Bias Current
IB
Tj =25℃
-
2.0
3.0
mA
VIN = -30V ~ -17.5V
-
0.04
0.5
Bias Current Change
IB
IOUT = 5mA ~ 1A
-
0.08
0.5
mA
Output Noise Voltage
VN
f=10Hz ~ 100KHz,
Tj =25℃
-
375
-
uVrms
Ripple Rejection Ratio
RR
f=120
Hz, VIN =-28.5V ~ -18.5V
54
60
-
dB
Dropout Voltage
VD
IOUT=1A
Tj =25℃
-
2.0
-
V
Temperature Coefficient of
Output Voltage Drift
TCVO
IOUT=5mA
Tj =25℃
-
-1.0
-
mV/
°C
Peak Output Current
IPK
Tj =25℃
-
2.1
-
A
Pulse testing techniques are used to maintain the junction temperature as close to the ambient
temperature as possible. Thermal effects must be taken into separately.
** This specification applies only for dc power dissipation permitted by absolute maximum ratings.
■Test circuit


Similar Part No. - S7915PIC

ManufacturerPart #DatasheetDescription
logo
AUK corp
S7915PIC AUK-S7915PIC Datasheet
271Kb / 8P
   Fixed-Negative-Voltage Regulator
More results

Similar Description - S7915PIC

ManufacturerPart #DatasheetDescription
logo
AUK corp
S79XXPI AUK-S79XXPI Datasheet
270Kb / 8P
   Fixed-Negative-Voltage Regulator
logo
Micro Electronics
SG7900A MICRO-ELECTRONICS-SG7900A Datasheet
175Kb / 7P
   NEGATIVE FIXED VOLTAGE REGULATOR
logo
Microsemi Corporation
SG79XXA MICROSEMI-SG79XXA Datasheet
1Mb / 12P
   Negative Fixed Voltage Regulator
SG120 MICROSEMI-SG120 Datasheet
167Kb / 8P
   NEGATIVE FIXED VOLTAGE REGULATOR
logo
AUK corp
S79XXPIC AUK-S79XXPIC Datasheet
271Kb / 8P
   Fixed-Negative-Voltage Regulator
logo
Microsemi Corporation
SG7912AR MICROSEMI-SG7912AR Datasheet
405Kb / 9P
   Negative Fixed Voltage Regulator
logo
AUK corp
S79XXPI AUK-S79XXPI_1 Datasheet
302Kb / 8P
   Fixed-Negative-Voltage Regulator
logo
Microsemi Corporation
SG7900A MICROSEMI-SG7900A Datasheet
375Kb / 7P
   NEGATIVE FIXED VOLTAGE REGULATOR
SG120 MICROSEMI-SG120_1 Datasheet
379Kb / 8P
   NEGATIVE FIXED VOLTAGE REGULATOR
SG79XXA MICROSEMI-SG79XXA_10 Datasheet
417Kb / 9P
   Negative Fixed Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com