Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90487BPFV Datasheet(PDF) 100 Page - Fujitsu Component Limited.

Part # MB90487BPFV
Description  16-bit Proprietary Microcontroller
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90487BPFV Datasheet(HTML) 100 Page - Fujitsu Component Limited.

Back Button MB90487BPFV Datasheet HTML 96Page - Fujitsu Component Limited. MB90487BPFV Datasheet HTML 97Page - Fujitsu Component Limited. MB90487BPFV Datasheet HTML 98Page - Fujitsu Component Limited. MB90487BPFV Datasheet HTML 99Page - Fujitsu Component Limited. MB90487BPFV Datasheet HTML 100Page - Fujitsu Component Limited. MB90487BPFV Datasheet HTML 101Page - Fujitsu Component Limited. MB90487BPFV Datasheet HTML 102Page - Fujitsu Component Limited. MB90487BPFV Datasheet HTML 103Page - Fujitsu Component Limited. MB90487BPFV Datasheet HTML 104Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 120 page
background image
MB90480/485 Series
100
(8) Hold Timing
(VCC
= 2.7 V to 3.6 V, VSS = 0.0 V, TA = − 40 °C to +85 °C)
* : tCP is internal operating clock cycle time. Refer to “ (1) Clock Timing”.
Note : One or more cycles are required from the time the HRQ pin is read until the HAK signal changes.
(9) UART Timing
(VCC
= 2.7 V to 3.6 V, VSS = 0.0 V, TA = −40 °C to +85 °C)
*1 : CL is the load capacitance applied to pins for testing.
*2 : tCP is internal operating clock cycle time. Refer to “ (1) Clock Timing”.
Note : The above rating is in CLK synchronous mode.
Parameter
Symbol
Pin name
Conditions
Value
Unit
Remarks
Min
Max
Pin floating
→HAK↓time
tXHAL
HAK
30
tCP*ns
HAK
↓→pin valid time
tHAHV
HAK
tCP*2 tCP*ns
Parameter
Symbol
Pin
name
Conditions
Value
Unit
Remarks
Min
Max
Serial clock cycle time
tSCYC
Internal shift clock
mode output pins :
CL*1
= 80 pF + 1 TTL
8 tCP*2
ns
SCK
↓→SOT delay time
tSLOV
−80
+80
ns
−120
+120
ns
fCP
= 8 MHz
Valid SIN
→SCK↑
tIVSH
100
ns
200
ns
fCP
= 8 MHz
SCK
↑→valid SIN hold time
tSHIX
tCP*2
ns
Serial clock “H” pulse width
tSHSL
External shift clock
mode output pins :
CL*1
= 80 pF + 1 TTL
4 tCP*2
ns
Serial clock “L” pulse width
tSLSH
4 tCP*2
ns
SCK
↓→SOT delay time
tSLOV
150
ns
200
ns
fCP
= 8 MHz
Valid SIN
→SCK↑
tIVSH
60
ns
120
ns
fCP
= 8 MHz
SCK
↑→valid SIN hold time
tSHIX
60
ns
120
ns
fCP
= 8 MHz
HAK
tXHAL
tHAHV
2.4 V
0.8 V
2.4 V
2.4 V
0.8 V
0.8 V
Pins
High-Z


Similar Part No. - MB90487BPFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90487BPF FUJITSU-MB90487BPF Datasheet
629Kb / 124P
   16-bit Microcontroller
MB90487BPF FUJITSU-MB90487BPF Datasheet
629Kb / 124P
   16-bit Microcontroller
More results

Similar Description - MB90487BPFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com