Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90487BPFV Datasheet(PDF) 62 Page - Fujitsu Component Limited.

Part # MB90487BPFV
Description  16-bit Proprietary Microcontroller
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90487BPFV Datasheet(HTML) 62 Page - Fujitsu Component Limited.

Back Button MB90487BPFV Datasheet HTML 58Page - Fujitsu Component Limited. MB90487BPFV Datasheet HTML 59Page - Fujitsu Component Limited. MB90487BPFV Datasheet HTML 60Page - Fujitsu Component Limited. MB90487BPFV Datasheet HTML 61Page - Fujitsu Component Limited. MB90487BPFV Datasheet HTML 62Page - Fujitsu Component Limited. MB90487BPFV Datasheet HTML 63Page - Fujitsu Component Limited. MB90487BPFV Datasheet HTML 64Page - Fujitsu Component Limited. MB90487BPFV Datasheet HTML 65Page - Fujitsu Component Limited. MB90487BPFV Datasheet HTML 66Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 120 page
background image
MB90480/485 Series
62
12. PWC Timer (MB90485 series only)
The PWC timer is a 16-bit multifunction up-count timer capable of measuring the pulse width of the input signal.
A total of three channels are provided, each consisting of a 16-bit up-count timer, an input pulse divider & divide
ratio control register, a measurement input pin, and a 16-bit control register. These components provide the
following functions.
Timer function :
• Capable of generating an interrupt request at fixed intervals specified.
• The internal clock used as the reference clock can be selected from
among three types.
Pulse width measurement function :
• Measures the time between arbitrary events based on external pulse
inputs.
• The internal clock used as the reference clock can be selected from
among three types.
• Measurement modes
- “H” pulse width (
↑ to ↓) /“L” pulse width (↑ to ↓)
- Rising cycle (
↑ to ↑) /Falling cycle (↓ to ↓)
- Measurement between edges (
↑ or ↓ to ↓ or ↑)
• The 8-bit input divider can be used for division measurement by dividing
the input pulse by 22
× n (n = 1, 2, 3, 4) .
• An interrupt can be generated upon completion of measurement.
• One-time measurement or fast measurement can be selected.


Similar Part No. - MB90487BPFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90487BPF FUJITSU-MB90487BPF Datasheet
629Kb / 124P
   16-bit Microcontroller
MB90487BPF FUJITSU-MB90487BPF Datasheet
629Kb / 124P
   16-bit Microcontroller
More results

Similar Description - MB90487BPFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com