Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90880 Datasheet(PDF) 46 Page - Fujitsu Component Limited.

Part # MB90880
Description  16-Bit Proprietary Microcontroller
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90880 Datasheet(HTML) 46 Page - Fujitsu Component Limited.

Back Button MB90880 Datasheet HTML 42Page - Fujitsu Component Limited. MB90880 Datasheet HTML 43Page - Fujitsu Component Limited. MB90880 Datasheet HTML 44Page - Fujitsu Component Limited. MB90880 Datasheet HTML 45Page - Fujitsu Component Limited. MB90880 Datasheet HTML 46Page - Fujitsu Component Limited. MB90880 Datasheet HTML 47Page - Fujitsu Component Limited. MB90880 Datasheet HTML 48Page - Fujitsu Component Limited. MB90880 Datasheet HTML 49Page - Fujitsu Component Limited. MB90880 Datasheet HTML 50Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 75 page
background image
MB90880 Series
46
(Continued)
(VCC
= 2.7V to 3.6 V, VSS = 0.0 V, TA = −40 °C to +85 °C)
Note : P74 to P76 and P80 to P87 are N-ch open-drain pins with controls and normally used at the CMOS level.
Parameter
Sym-
bol
Pin name
Conditions
Value
Unit
Min
Typ
Max
Supply current
ICC
VCC
= 3.3V;
Normal internal 25 MHz
operation
20
28
mA
VCC
= 3.3V;
Normal internal 33 MHz
operation
28
38
mA
VCC
= 3.3V;
Internal 25 MHz
operation; flash write
30
40
mA
VCC
= 3.3V;
Internal 33 MHz
operation; flash write
40
52
mA
ICCS
VCC
= 3.3V;
Internal 25 MHz
operation; sleep mode
612
mA
VCC
= 3.3V;
Internal 33 MHz
operation; sleep mode
10
20
mA
ICTS
VCC
= 3.3 V;
Internal 2 MHz,
operation; Time-base timer
0.25
0.9
mA
ICCL
VCC
= 3.3V;
External 32 kHz & internal
8 kHz operation;
sub-operation
(TA
= + 25 °C)
80
200
µA
ICCLS
VCC = 3.3 V;
External 32 MHz,
Internal 8 MHz operation;
sub sleep mode (TA
= +25 °C)
50
160
µA
ICCT
VCC
= 3.3V;
External 32 kHz & internal
8 kHz operation; watch
operation
(TA
= + 25 °C)
20
110
µA
ICCH
TA
= + 25 °C;
Stop mode; VCC
= 3.3V
15
100
µA
Input
capacitance
CIN
All pins except
AVCC, AVSS,
VCC, DVCC,
VSS, DVSS
AVCC, AVSS, VCC, DVCC, VSS, DVSS
515
pF


Similar Part No. - MB90880

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90800 FUJITSU-MB90800 Datasheet
810Kb / 88P
   16-bit Proprietary Microcontroller CMOS
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_09 Datasheet
474Kb / 92P
   16-bit Microcontroller
MB90803 FUJITSU-MB90803 Datasheet
810Kb / 88P
   16-bit Proprietary Microcontroller CMOS
MB90803 FUJITSU-MB90803 Datasheet
474Kb / 92P
   16-bit Microcontroller
More results

Similar Description - MB90880

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com