Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90980 Datasheet(PDF) 17 Page - Fujitsu Component Limited.

Part # MB90980
Description  16-bit Proprietary Microcontroller
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90980 Datasheet(HTML) 17 Page - Fujitsu Component Limited.

Back Button MB90980 Datasheet HTML 13Page - Fujitsu Component Limited. MB90980 Datasheet HTML 14Page - Fujitsu Component Limited. MB90980 Datasheet HTML 15Page - Fujitsu Component Limited. MB90980 Datasheet HTML 16Page - Fujitsu Component Limited. MB90980 Datasheet HTML 17Page - Fujitsu Component Limited. MB90980 Datasheet HTML 18Page - Fujitsu Component Limited. MB90980 Datasheet HTML 19Page - Fujitsu Component Limited. MB90980 Datasheet HTML 20Page - Fujitsu Component Limited. MB90980 Datasheet HTML 21Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
MB90980 Series
17
■ I/O MAP
(Continued)
Address
Abbreviated
register name
Register name
R/W
Resource name
Initial value
000000H,
000001H
Reserved area
000002H
PDR2
Port 2 data register
R/W
Port 2
XXXXXXXXB
000003H
PDR3
Port 3 data register
R/W
Port 3
XXXXXXXXB
000004H
PDR4
Port 4 data register
R/W
Port 4
XXXXXXXXB
000005H
Reserved area
000006H
PDR6
Port 6 data register
R/W
Port 6
XXXXXXXXB
000007H
PDR7
Port 7 data register
R/W
Port 7
11XXXXXXB
000008H
PDR8
Port 8 data register
R/W
Port 8
XXXXXXXXB
000009H
PDR9
Port 9 data register
R/W
Port 9
XXXXXXXXB
00000AH
PDRA
Port A data register
R/W
Port A
- - - - XXXXB
00000BH
UDER
Up/down timer input enable register
R/W
Up/down timer
input control
XX 0 0 0 0 0 0B
00000CH
ENIR
Interrupt/DTP enable register
R/W
DTP/external
interrupts
0 0 0 0 0 0 0 0B
00000DH
EIRR
Interrupt/DTP source register
R/W
XXXXXXXXB
00000EH
ELVR
Request level setting register
R/W
0 0 0 0 0 0 0 0B
00000FH
Request level setting register
R/W
0 0 0 0 0 0 0 0B
000010H,
000011H
Reserved area
000012H
DDR2
Port 2 direction register
R/W
Port 2
0 0 0 0 XXXXB
000013H
DDR3
Port 3 direction register
R/W
Port 3
0 0 0 0 0 0 0 0B
000014H
DDR4
Port 4 direction register
R/W
Port 4
0 0 0 0 0 0 0 0B
000015H
Reserved area
000016H
DDR6
Port 6 direction register
R/W
Port 6
0 0 0 0 0 0 0 0B
000017H
DDR7
Port 7 direction register
R/W
Port 7
XX 0 0 0 0 0 0B
000018H
DDR8
Port 8 direction register
R/W
Port 8
0 0 0 0 0 0 0 0B
000019H
DDR9
Port 9 direction register
R/W
Port 9
0 0 XX 0 0 0 0B
00001AH
DDRA
Port A direction register
R/W
Port A
- - - - 0 0 0 0B
00001BH
ODR4
Port 4 output pin register
R/W
Port 4
(Open-drain control)
XXXXX 0 0 0B
00001CH,
00001DH
Reserved area
00001EH
ODR7
Port 7 output pin register
R/W
Port 7
(Open-drain control)
XXX 0 0 0 0 0B
00001FH
ADER
Analog input enable register
R/W
Port 6, A/D
1 1 1 1 1 1 1 1B
000020H
SMR
Serial mode register
R/W
UART
0 0 0 0 0 X 0 0B
000021H
SCR
Serial control register
W,
R/W
0 0 0 0 0 1 0 0B
000022H
SIDR/SODR Serial input/output register
R/W
XXXXXXXXB
000023H
SSR
Serial status register
R,
R/W
0 0 0 0 1 0 0 0B
000024H
Reserved area
000025H
CDCR
Communication prescaler control
register
R/W
Communication
prescaler (UART)
0 0 - - 0 0 0 0B


Similar Part No. - MB90980

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB90911AS CYPRESS-MB90911AS Datasheet
11Mb / 65P
   16-bit Microcontroller
MB90911ASPMC CYPRESS-MB90911ASPMC Datasheet
11Mb / 65P
   16-bit Microcontroller
logo
Fujitsu Component Limit...
MB90925 FUJITSU-MB90925 Datasheet
932Kb / 63P
   16-bit Microcontrolle
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945_08 Datasheet
1Mb / 72P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90980

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com