Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB90378 Datasheet(PDF) 33 Page - Fujitsu Component Limited.

Part No. MB90378
Description  16-bit Proprietary Microcontroller
Download  65 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

MB90378 Datasheet(HTML) 33 Page - Fujitsu Component Limited.

Zoom Inzoom in Zoom Outzoom out
 33 / 65 page
background image
MB90378 Series
33
(Continued)
• Meaning of abbreviations used for reading and writing
R/W : Readable and writable
R
: Read-only
W
: Write-only
• Explanation of initial values
0 : The bit is initialized to 0.
1 : The bit is initialized to 1.
X : The initial value of the bit is undefined.
-
: The bit is not used. Its initial value is undefined.
• Instruction using IO addressing e.g. MOV A, io, is not supported for registers area 003F80H to 003FFFH.
Address
Abbreviation
Register
Byte
access
Word
access
Resource name
Initial value
003FEEH
DNDL7
DOWN data register 7 (lower)
R
R
LPC data buffer
array
XXXXXXXXB
003FEFH
DNDH7
DOWN data register 7 (upper)
R
R
XXXXXXXXB
003FF0H
DBAAL
Data buffer array address
register (lower)
R/W
R/W
XXXXXXXXB
003FF1H
DBAAH
Data buffer array address
register (upper)
R/W
R/W
XXXXXXXXB
003FF2H,
003FF3H
Prohibited area
003FF4H
TMCSRL6
Timer control status register
CH6 (lower)
R/W
R/W
16-bit
reload timer
(ch6)
00000000B
003FF5H
TMCSRH6
Timer control status register
CH6 (upper)
R/W
R/W
----0000B
003FF6H
TMR6/
TMRD6
16-bit timer/reload register CH6
R/W
XXXXXXXXB
003FF7H
R/W
XXXXXXXXB
003FF8H
PRLL0
PPG reload register (lower)
R/W
R/W
8/16-bit
PPG timer 1
XXXXXXXXB
003FF9H
PRLH0
PPG reload register (upper)
R/W
R/W
XXXXXXXXB
003FFAH
PRLL1
PPG reload register (lower)
R/W
R/W
XXXXXXXXB
003FFBH
PRLH1
PPG reload register (upper)
R/W
R/W
XXXXXXXXB
003FFCH
PPGC0
PPG control register ch0
R/W
R/W
00000001B
003FFDH
PPGC1
PPG control register ch1
R/W
R/W
00000001B
003FFEH
PCS01
PPG clock control register
R/W
R/W
000000XXB
003FFFH
Prohibited area


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MB9033016-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90495G16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F36216-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F342E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90867E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB9059516-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90580C16-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB9048016-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn