Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB90378 Datasheet(PDF) 31 Page - Fujitsu Component Limited.

Part No. MB90378
Description  16-bit Proprietary Microcontroller
Download  65 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90378 Datasheet(HTML) 31 Page - Fujitsu Component Limited.

Back Button MB90378 Datasheet HTML 27Page - Fujitsu Component Limited. MB90378 Datasheet HTML 28Page - Fujitsu Component Limited. MB90378 Datasheet HTML 29Page - Fujitsu Component Limited. MB90378 Datasheet HTML 30Page - Fujitsu Component Limited. MB90378 Datasheet HTML 31Page - Fujitsu Component Limited. MB90378 Datasheet HTML 32Page - Fujitsu Component Limited. MB90378 Datasheet HTML 33Page - Fujitsu Component Limited. MB90378 Datasheet HTML 34Page - Fujitsu Component Limited. MB90378 Datasheet HTML 35Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 65 page
background image
MB90378 Series
31
(Continued)
Address
Abbreviation
Register
Byte
access
Word
access
Resource name
Initial value
003F9CH
UDRL1E
UP data register 1E (lower)
R/W
R/W
LPC data buffer
array-Extend
XXXXXXXXB
003F9DH
UDRH1E
UP data register 1E (upper)
R/W
R/W
XXXXXXXXB
003F9EH
UDRL1F
UP data register 1F (lower)
R/W
R/W
XXXXXXXXB
003F9FH
UDRH1F
UP data register 1F (upper)
R/W
R/W
XXXXXXXXB
003FA0H
DBACLR
Data buffer array clear register
R/W
R/W
LPC data buffer
array
-----000B
003FA1H
Prohibited area
003FA2H
FWR0
FLASH programming control
register 0
R/W
R/W
Dual operating
FLASH
00000000B
003FA3H
FWR1
FLASH programming control
register 1
R/W
R/W
00000000B
003FA4H
SSR0
Sector switching register
R/W
R/W
00XXXXX0B
003FA5H
to
003FAEH
Prohibited area
003FAFH
PCKCR
PLL clock control register
W
W
PLL
XXXX0000B
003FB0H
PRLL2
PPG reload register (lower)
R/W
R/W
8/16-bit
PPG timer 2
XXXXXXXXB
003FB1H
PRLH2
PPG reload register (upper)
R/W
R/W
XXXXXXXXB
003FB2H
PRLL3
PPG reload register (lower)
R/W
R/W
XXXXXXXXB
003FB3H
PRLH3
PPG reload register (upper)
R/W
R/W
XXXXXXXXB
003FB4H
PPGC2
PPG control register ch2
R/W
R/W
00000001B
003FB5H
PPGC3
PPG control register ch3
R/W
R/W
00000001B
003FB6H
PCS23
PPG clock control register
R/W
R/W
000000XXB
003FB7H
to
003FBFH
Prohibited area
003FC0H
UDRL0
UP data register 0 (lower)
R/W
R/W
LPC data buffer
array
XXXXXXXXB
003FC1H
UDRH0
UP data register 0 (upper)
R/W
R/W
XXXXXXXXB
003FC2H
UDRL1
UP data register 1 (lower)
R/W
R/W
XXXXXXXXB
003FC3H
UDRH1
UP data register 1 (upper)
R/W
R/W
XXXXXXXXB
003FC4H
UDRL2
UP data register 2 (lower)
R/W
R/W
XXXXXXXXB
003FC5H
UDRH2
UP data register 2 (upper)
R/W
R/W
XXXXXXXXB
003FC6H
UDRL3
UP data register 3 (lower)
R/W
R/W
XXXXXXXXB
003FC7H
UDRH3
UP data register 3 (upper)
R/W
R/W
XXXXXXXXB
003FC8H
UDRL4
UP data register 4 (lower)
R/W
R/W
XXXXXXXXB
003FC9H
UDRH4
UP data register 4 (upper)
R/W
R/W
XXXXXXXXB


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MB9033016-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90495G16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F36216-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F342E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90867E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB9059516-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90580C16-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB9048016-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn