Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB90378 Datasheet(PDF) 30 Page - Fujitsu Component Limited.

Part No. MB90378
Description  16-bit Proprietary Microcontroller
Download  65 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90378 Datasheet(HTML) 30 Page - Fujitsu Component Limited.

Back Button MB90378 Datasheet HTML 26Page - Fujitsu Component Limited. MB90378 Datasheet HTML 27Page - Fujitsu Component Limited. MB90378 Datasheet HTML 28Page - Fujitsu Component Limited. MB90378 Datasheet HTML 29Page - Fujitsu Component Limited. MB90378 Datasheet HTML 30Page - Fujitsu Component Limited. MB90378 Datasheet HTML 31Page - Fujitsu Component Limited. MB90378 Datasheet HTML 32Page - Fujitsu Component Limited. MB90378 Datasheet HTML 33Page - Fujitsu Component Limited. MB90378 Datasheet HTML 34Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 65 page
background image
MB90378 Series
30
(Continued)
Address
Abbreviation
Register
Byte
access
Word
access
Resource name
Initial value
001FF3H
PADR1
Program address detection
register 3
R/W
R/W
Address match
detection
XXXXXXXXB
001FF4H
Program address detection
register 4
R/W
R/W
XXXXXXXXB
001FF5H
Program address detection
register 5
R/W
R/W
XXXXXXXXB
001FF6H
to
003F7FH
Prohibited area
003F80H
UDRL10
UP data register 10 (lower)
R/W
R/W
LPC data buffer
array-Extend
XXXXXXXXB
003F81H
UDRH10
UP data register 10 (upper)
R/W
R/W
XXXXXXXXB
003F82H
UDRL11
UP data register 11 (lower)
R/W
R/W
XXXXXXXXB
003F83H
UDRH11
UP data register 11 (upper)
R/W
R/W
XXXXXXXXB
003F84H
UDRL12
UP data register 12 (lower)
R/W
R/W
XXXXXXXXB
003F85H
UDRH12
UP data register 12 (upper)
R/W
R/W
XXXXXXXXB
003F86H
UDRL13
UP data register 13 (lower)
R/W
R/W
XXXXXXXXB
003F87H
UDRH13
UP data register 13 (upper)
R/W
R/W
XXXXXXXXB
003F88H
UDRL14
UP data register 14 (lower)
R/W
R/W
XXXXXXXXB
003F89H
UDRH14
UP data register 14 (upper)
R/W
R/W
XXXXXXXXB
003F8AH
UDRL15
UP data register 15 (lower)
R/W
R/W
XXXXXXXXB
003F8BH
UDRH15
UP data register 15 (upper)
R/W
R/W
XXXXXXXXB
003F8CH
UDRL16
UP data register 16 (lower)
R/W
R/W
XXXXXXXXB
003F8DH
UDRH16
UP data register 16 (upper)
R/W
R/W
XXXXXXXXB
003F8EH
UDRL17
UP data register 17 (lower)
R/W
R/W
XXXXXXXXB
003F8FH
UDRH17
UP data register 17 (upper)
R/W
R/W
XXXXXXXXB
003F90H
UDRL18
UP data register 18 (lower)
R/W
R/W
XXXXXXXXB
003F91H
UDRH18
UP data register 18 (upper)
R/W
R/W
XXXXXXXXB
003F92H
UDRL19
UP data register 19 (lower)
R/W
R/W
XXXXXXXXB
003F93H
UDRH19
UP data register 19 (upper)
R/W
R/W
XXXXXXXXB
003F94H
UDRL1A
UP data register 1A (lower)
R/W
R/W
XXXXXXXXB
003F95H
UDRH1A
UP data register 1A (upper)
R/W
R/W
XXXXXXXXB
003F96H
UDRL1B
UP data register 1B (lower)
R/W
R/W
XXXXXXXXB
003F97H
UDRH1B
UP data register 1B (upper)
R/W
R/W
XXXXXXXXB
003F98H
UDRL1C
UP data register 1C (lower)
R/W
R/W
XXXXXXXXB
003F99H
UDRH1C
UP data register 1C (upper)
R/W
R/W
XXXXXXXXB
003F9AH
UDRL1D
UP data register 1D (lower)
R/W
R/W
XXXXXXXXB
003F9BH
UDRH1D
UP data register 1D (upper)
R/W
R/W
XXXXXXXXB


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MB9033016-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90495G16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F36216-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F342E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90867E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB9059516-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90580C16-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB9048016-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn