Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB90378 Datasheet(PDF) 29 Page - Fujitsu Component Limited.

Part No. MB90378
Description  16-bit Proprietary Microcontroller
Download  65 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

MB90378 Datasheet(HTML) 29 Page - Fujitsu Component Limited.

Zoom Inzoom in Zoom Outzoom out
 29 / 65 page
background image
MB90378 Series
29
(Continued)
Address
Abbreviation
Register
Byte
access
Word
access
Resource name
Initial value
0000E1H
BDR
Bit data register
R/W
R/W
Bit decoder
----XXXXB
0000E2H
BRRL
Bit result register (lower)
R
R
XXXXXXXXB
0000E3H
BRRH
Bit result register (upper)
R
R
XXXXXXXXB
0000E4H
SMR3
Serial mode register 3
R/W
R/W
UART3
00000-00B
0000E5H
SCR3
Serial control register 3
R/W
R/W
00000100B
0000E6H
SIDR3 /
SODR3
Input data register 3/
output data register 3
R/W
R/W
XXXXXXXXB
0000E7H
SSR3
Status register 3
R/W
R/W
00001000B
0000E8H
M2CR3
Mode 2 control register 3
R/W
R/W
----1000B
0000E9H
CDCR3
Clock division control register 3
R/W
R/W
Communication
prescaler 3
00--0000B
0000EAH
TMCSRL5
Timer control status register
CH5 (lower)
R/W
R/W
16-bit
reload timer
(ch5)
00000000B
0000EBH
TMCSRH5
Timer control status register
CH5 (upper)
R/W
R/W
----0000B
0000ECH
TMR5/
TMRD5
16-bit timer/reload register CH5
R/W
XXXXXXXXB
0000EDH
R/W
XXXXXXXXB
0000EEH
LCRL
LCD control register 0
R/W
R/W
LCD
controller/driver
00010000B
0000EFH
LCRH
LCD control register 1
R/W
R/W
00000000B
0000F0H
to
0000F4H
VRAM
LCD display RAM
R/W
-
XXXXXXXXB
0000F5H
to
0000F7H
Prohibited area
0000F8H
to
0000FFH
External area
000100H
to
0018FFH
Prohibited area (RAM area)
001FF0H
PADR0
Program address detection
register 0
R/W
R/W
Address match
detection
XXXXXXXXB
001FF1H
Program address detection
register 1
R/W
R/W
XXXXXXXXB
001FF2H
Program address detection
register 2
R/W
R/W
XXXXXXXXB


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MB9033016-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90495G16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F36216-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F342E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90867E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB9059516-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90580C16-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB9048016-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn