Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB90378 Datasheet(PDF) 26 Page - Fujitsu Component Limited.

Part No. MB90378
Description  16-bit Proprietary Microcontroller
Download  65 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

MB90378 Datasheet(HTML) 26 Page - Fujitsu Component Limited.

Zoom Inzoom in Zoom Outzoom out
 26 / 65 page
background image
MB90378 Series
26
(Continued)
Address
Abbreviation
Register
Byte
access
Word
access
Resource name
Initial value
000078H
TMCSRL3
Timer control status register
CH3 (lower)
R/W
R/W
16-bit
reload timer
(ch3)
00000000B
000079H
TMCSRH3
Timer control status register
CH3 (upper)
R/W
R/W
----0000B
00007AH
TMR3/
TMRD3
16-bit timer/reload register CH3
R/W
XXXXXXXXB
00007BH
R/W
XXXXXXXXB
00007CH
TMCSRL4
Timer control status register
CH4 (lower)
R/W
R/W
16-bit
reload timer
(ch4)
00000000B
00007DH
TMCSRH4
Timer control status register
CH4 (upper)
R/W
R/W
----0000B
00007EH
TMR4/
TMRD4
16-bit timer/reload register CH4
R/W
XXXXXXXXB
00007FH
R/W
XXXXXXXXB
000080H
IBCRL
I2C bus control register (lower)
R/W
R/W
I2C
----0000B
000081H
IBCRH
I2C bus control register (upper)
R/W
R/W
00000000B
000082H
IBSRL
I2C bus status register (lower)
R
R
00000000B
000083H
IBSRH
I2C bus status register (upper)
R/W
R/W
--000000B
000084H
IDAR
I2C data register
R/W
R/W
XXXXXXXXB
000085H
IADR
I2C address register
R/W
R/W
-XXXXXXXB
000086H
ICCR
I2C clock control register
R/W
R/W
0-000000B
000087H
ITCR
I2C timeout control register
R/W
R/W
-0-00000B
000088H
ITOC
I2C timeout clock register
R/W
R/W
00000000B
000089H
ITOD
I2C timeout data register
R/W
R/W
00000000B
00008AH
ISTO
I2C slave timeout register
R/W
R/W
00000000B
00008BH
IMTO
I2C master timeout register
R/W
R/W
00000000B
00008CH
RDR0
Port 0 pull-up resistor setting
register
R/W
R/W
Port 0
00000000B
00008DH
RDR1
Port 1 pull-up resistor setting
register
R/W
R/W
Port 1
00000000B
00008EH
RDR2
Port 2 pull-up resistor setting
register
R/W
R/W
Port 2
00000000B
00008FH
RDR3
Port 3 pull-up resistor setting
register
R/W
R/W
Port 3
00000000B
000090H
to
00009DH
Prohibited area
00009EH
PACSR
Program address detect control
status register
R/W
R/W
Address match
detection
00000000B
00009FH
DIRR
Delayed interrupt cause/
clear register
R/W
R/W
Delayed
interrupt
-------0B


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MB9033016-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90495G16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F36216-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F342E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90867E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB9059516-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90580C16-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB9048016-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn