Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB90378 Datasheet(PDF) 25 Page - Fujitsu Component Limited.

Part No. MB90378
Description  16-bit Proprietary Microcontroller
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90378 Datasheet(HTML) 25 Page - Fujitsu Component Limited.

Back Button MB90378 Datasheet HTML 21Page - Fujitsu Component Limited. MB90378 Datasheet HTML 22Page - Fujitsu Component Limited. MB90378 Datasheet HTML 23Page - Fujitsu Component Limited. MB90378 Datasheet HTML 24Page - Fujitsu Component Limited. MB90378 Datasheet HTML 25Page - Fujitsu Component Limited. MB90378 Datasheet HTML 26Page - Fujitsu Component Limited. MB90378 Datasheet HTML 27Page - Fujitsu Component Limited. MB90378 Datasheet HTML 28Page - Fujitsu Component Limited. MB90378 Datasheet HTML 29Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 65 page
background image
MB90378 Series
25
(Continued)
Address
Abbreviation
Register
Byte
access
Word
access
Resource name
Initial value
00005EH
UPAL1
UPI1 address register (lower)
R/W
R/W
LPC interface
XXXXXXXXB
00005FH
UPAH1
UPI1 address register (upper)
R/W
R/W
XXXXXXXXB
000060H
UPAL2
UPI2 address register (lower)
R/W
R/W
XXXXXXXXB
000061H
UPAH2
UPI2 address register (upper)
R/W
R/W
XXXXXXXXB
000062H
UPAL3
UPI3 address register (lower)
R/W
R/W
XXXXXXXXB
000063H
UPAH3
UPI3 address register (upper)
R/W
R/W
XXXXXXXXB
000064H
UPCL
UPI control register (lower)
R/W
R/W
00000000B
000065H
UPCH
UPI control register (upper)
R/W
R/W
-000-000B
000066H
UPDI0/
UPDO0
UPI0 data input register/
data output register
R/W
R/W
XXXXXXXXB
000067H
UPS0
UPI0 status register
R/W
R/W
00000000B
000068H
UPDI1/
UPDO1
UPI1 data input register/
data output register
R/W
R/W
XXXXXXXXB
000069H
UPS1
UPI1 status register
R/W
R/W
00000000B
00006AH
UPDI2/
UPDO2
UPI2 data input register/
data output register
R/W
R/W
XXXXXXXXB
00006BH
UPS2
UPI2 status register
R/W
R/W
00000000B
00006CH
UPDI3/
UPDO3
UPI3 data input register/
data output register
R/W
R/W
XXXXXXXXB
00006DH
UPS3
UPI3 status register
R/W
R/W
00000000B
00006EH
LCR
LPC control register
R/W
R/W
-----000B
00006FH
ROMM
ROM mirroring function
selection register
WW
ROM mirroring
function
-------1B
000070H
TMCSRL1
Timer control status register
CH1 (lower)
R/W
R/W
16-bit
reload timer
(ch1)
00000000B
000071H
TMCSRH1
Timer control status register
CH1 (upper)
R/W
R/W
----0000B
000072H
TMR1/
TMRD1
16-bit timer/reload register CH1
R/W
XXXXXXXXB
000073H
R/W
XXXXXXXXB
000074H
TMCSRL2
Timer control status register
CH2 (lower)
R/W
R/W
16-bit
reload timer
(ch2)
00000000B
000075H
TMCSRH2
Timer control status register
CH2 (upper)
R/W
R/W
----0000B
000076H
TMR2/
TMRD2
16-bit timer/reload register CH2
R/W
XXXXXXXXB
000077H
R/W
XXXXXXXXB


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MB90330 16-bit Proprietary Microcontroller 1  2  3  4  5  More Fujitsu Component Limited.
MB90495G 16-bit Proprietary Microcontroller CMOS 1  2  3  4  5  More Fujitsu Component Limited.
MB90F362 16-bit Proprietary Microcontroller 1  2  3  4  5  More Fujitsu Component Limited.
MB90F342E 16-bit Proprietary Microcontroller CMOS 1  2  3  4  5  More Fujitsu Component Limited.
MB90867E 16-bit Proprietary Microcontroller CMOS 1  2  3  4  5  More Fujitsu Component Limited.
MB90595 16-bit Proprietary Microcontroller 1  2  3  4  5  More Fujitsu Component Limited.
MB90580C 16-bit Proprietary Microcontroller 1  2  3  4  5  More Fujitsu Component Limited.
MB90480 16-bit Proprietary Microcontroller 1  2  3  4  5  More Fujitsu Component Limited.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn