Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90378 Datasheet(PDF) 24 Page - Fujitsu Component Limited.

Part # MB90378
Description  16-bit Proprietary Microcontroller
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90378 Datasheet(HTML) 24 Page - Fujitsu Component Limited.

Back Button MB90378 Datasheet HTML 20Page - Fujitsu Component Limited. MB90378 Datasheet HTML 21Page - Fujitsu Component Limited. MB90378 Datasheet HTML 22Page - Fujitsu Component Limited. MB90378 Datasheet HTML 23Page - Fujitsu Component Limited. MB90378 Datasheet HTML 24Page - Fujitsu Component Limited. MB90378 Datasheet HTML 25Page - Fujitsu Component Limited. MB90378 Datasheet HTML 26Page - Fujitsu Component Limited. MB90378 Datasheet HTML 27Page - Fujitsu Component Limited. MB90378 Datasheet HTML 28Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 65 page
background image
MB90378 Series
24
(Continued)
Address
Abbreviation
Register
Byte
access
Word
access
Resource name
Initial value
000040H
PDCRL2
PPG2 down counter register
R
16-bit PPG timer
(ch2)
11111111B
000041H
PDCRH2
R
11111111B
000042H
PCSRL2
PPG2 period setting register
W
XXXXXXXXB
000043H
PCSRH2
W
XXXXXXXXB
000044H
PDUTL2
PPG2 duty setting register
W
XXXXXXXXB
000045H
PDUTH2
W
XXXXXXXXB
000046H
PCNTL2
PPG2 control status register
R/W
R/W
--000000B
000047H
PCNTH2
R/W
R/W
00000000B
000048H
PDCRL3
PPG3 down counter register
R
16-bit PPG timer
(ch3)
11111111B
000049H
PDCRH3
R
11111111B
00004AH
PCSRL3
PPG3 period setting register
W
XXXXXXXXB
00004BH
PCSRH3
W
XXXXXXXXB
00004CH
PDUTL3
PPG3 duty setting register
W
XXXXXXXXB
00004DH
PDUTH3
W
XXXXXXXXB
00004EH
PCNTL3
PPG3 control status register
R/W
R/W
--000000B
00004FH
PCNTH3
R/W
R/W
00000000B
000050H
PSCR0
PS/2 interface control register 0
R/W
R/W
3-channel PS/2
interface
0--00000B
000051H
PSSR0
PS/2 interface status register 0
R/W
R/W
00000000B
000052H
PSCR1
PS/2 interface control register 1
R/W
R/W
0--00000B
000053H
PSSR1
PS/2 interface status register 1
R/W
R/W
00000000B
000054H
PSCR2
PS/2 interface control register 2
R/W
R/W
0--00000B
000055H
PSSR2
PS/2 interface status register 2
R/W
R/W
00000000B
000056H
PSDR0
PS/2 interface data register 0
R/W
R/W
00000000B
000057H
PSDR1
PS/2 interface data register 1
R/W
R/W
00000000B
000058H
PSDR2
PS/2 interface data register 2
R/W
R/W
00000000B
000059H
PSMR
PS/2 interface mode register
R/W
R/W
----0000B
00005AH
DAT0
D/A converter data register 0
R/W
R/W
8-bit
D/A converter
XXXXXXXXB
00005BH
DAT1
D/A converter data register 1
R/W
R/W
XXXXXXXXB
00005CH
DACR0
D/A control register 0
R/W
R/W
-------0B
00005DH
DACR1
D/A control register 1
R/W
R/W
-------0B


Similar Part No. - MB90378

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90378 FUJITSU-MB90378 Datasheet
653Kb / 60P
   f16-bit Proprietary Microcontroller
MB90378 FUJITSU-MB90378_05 Datasheet
653Kb / 60P
   f16-bit Proprietary Microcontroller
More results

Similar Description - MB90378

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com