Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB90378 Datasheet(PDF) 23 Page - Fujitsu Component Limited.

Part No. MB90378
Description  16-bit Proprietary Microcontroller
Download  65 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

MB90378 Datasheet(HTML) 23 Page - Fujitsu Component Limited.

Zoom Inzoom in Zoom Outzoom out
 23 / 65 page
background image
MB90378 Series
23
(Continued)
Address
Abbreviation
Register
Byte
access
Word
access
Resource name
Initial value
000020H
SMR1
Serial mode register 1
R/W
R/W
UART1
00000-00B
000021H
SCR1
Serial control register 1
R/W
R/W
00000100B
000022H
SIDR1/
SODR1
Input data register 1/
Output data register 1
R/W
R/W
XXXXXXXXB
000023H
SSR1
Serial status register 1
R/W
R/W
00001000B
000024H
M2CR1
Mode 2 control register 1
R/W
R/W
----1000B
000025H
CDCR1
Clock division control register 1
R/W
R/W
Communication
prescaler 1
00--0000B
000026H
ENIR
Interrupt/DTP enable register
R/W
R/W
DTP/external
interrupt
00000000B
000027H
EIRR
Interrupt/DTP cause register
R/W
R/W
XXXXXXXXB
000028H
ELVR
Request level setting register
R/W
R/W
00000000B
000029H
R/W
R/W
00000000B
00002AH
ADER1
Analog input enable register 1
R/W
R/W
Port C, A/D
11111111B
00002BH
ADER2
Analog input enable register 2
R/W
R/W
Port D, A/D
----1111B
00002CH
BRSR
Bridge circuit selection register
R/W
R/W
Bridge circuit
--000000B
00002DH
ADC0
A/D control register
R/W
R/W
8/10-bit
A/D converter
00000000B
00002EH
ADCR0
A/D data register
R
R
XXXXXXXXB
00002FH
ADCR1
R/W
R/W
00000-XXB
000030H
ADCS0
A/D control status register
R/W
R/W
00--------B
000031H
ADCS1
R/W
R/W
00000000B
000032H
SICRL
Serial interrupt request register
R/W
R/W
Serial IRQ
00000000B
000033H
SICRH
Serial interrupt control register
R/W
R/W
00000000B
000034H
SIFR1
Serial interrupt frame number
register 1
R/W
R/W
--000000B
000035H
SIFR2
Serial interrupt frame number
register 2
R/W
R/W
--000000B
000036H
SIFR3
Serial interrupt frame number
register 3
R/W
R/W
--000000B
000037H
SIFR4
Serial interrupt frame number
register 4
R/W
R/W
--000000B
000038H
PDCRL1
PPG1 down counter register
R
16-bit PPG timer
(ch1)
11111111B
000039H
PDCRH1
R
11111111B
00003AH
PCSRL1
PPG1 period setting register
W
XXXXXXXXB
00003BH
PCSRH1
W
XXXXXXXXB
00003CH
PDUTL1
PPG1 duty setting register
W
XXXXXXXXB
00003DH
PDUTH1
W
XXXXXXXXB
00003EH
PCNTL1
PPG1 control status register
R/W
R/W
--000000B
00003FH
PCNTH1
R/W
R/W
00000000B


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MB9033016-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90495G16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F36216-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F342E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90867E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB9059516-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90580C16-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB9048016-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn