Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB90378 Datasheet(PDF) 22 Page - Fujitsu Component Limited.

Part No. MB90378
Description  16-bit Proprietary Microcontroller
Download  65 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90378 Datasheet(HTML) 22 Page - Fujitsu Component Limited.

Back Button MB90378 Datasheet HTML 18Page - Fujitsu Component Limited. MB90378 Datasheet HTML 19Page - Fujitsu Component Limited. MB90378 Datasheet HTML 20Page - Fujitsu Component Limited. MB90378 Datasheet HTML 21Page - Fujitsu Component Limited. MB90378 Datasheet HTML 22Page - Fujitsu Component Limited. MB90378 Datasheet HTML 23Page - Fujitsu Component Limited. MB90378 Datasheet HTML 24Page - Fujitsu Component Limited. MB90378 Datasheet HTML 25Page - Fujitsu Component Limited. MB90378 Datasheet HTML 26Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 65 page
background image
MB90378 Series
22
■ I/O MAP
(Continued)
Address
Abbreviation
Register
Byte
access
Word
access
Resource name
Initial value
000000H
PDR0
Port 0 data register
R/W
R/W
Port 0
XXXXXXXXB
000001H
PDR1
Port 1 data register
R/W
R/W
Port 1
XXXXXXXXB
000002H
PDR2
Port 2 data register
R/W
R/W
Port 2
XXXXXXXXB
000003H
PDR3
Port 3 data register
R/W
R/W
Port 3
XXXXXXXXB
000004H
PDR4
Port 4 data register
R/W
R/W
Port 4
X1111111B
000005H
PDR5
Port 5 data register
R/W
R/W
Port 5
XXXXXXX1B
000006H
PDR6
Port 6 data register
R/W
R/W
Port 6
XXXXXXXXB
000007H
PDR7
Port 7 data register
R/W
R/W
Port 7
XXXXXXXXB
000008H
PDR8
Port 8 data register
R/W
R/W
Port 8
-XXXX111B
000009H
PDR9
Port 9 data register
R/W
R/W
Port 9
--111111B
00000AH
PDRA
Port A data register
R/W
R/W
Port A
XXXXXXXXB
00000BH
PDRB
Port B data register
R/W
R/W
Port B
XXXXXXXXB
00000CH
PDRC
Port C data register
R/W
R/W
Port C
XXXXXXXXB
00000DH
PDRD
Port D data register
R/W
R/W
Port D
XXXXXXXXB
00000EH
PDRE
Port E data register
R/W
R/W
Port E
XXXXXXXXB
00000FH
PDRF
Port F data register
R/W
R/W
Port F
11111111B
000010H
DDR0
Port 0 direction register
R/W
R/W
Port 0
00000000B
000011H
DDR1
Port 1 direction register
R/W
R/W
Port 1
00000000B
000012H
DDR2
Port 2 direction register
R/W
R/W
Port 2
00000000B
000013H
DDR3
Port 3 direction register
R/W
R/W
Port 3
00000000B
000014H
DDR4
Port 4 direction register
R/W
R/W
Port 4
0-------B
000015H
DDR5
Port 5 direction register
R/W
R/W
Port 5
0000000-B
000016H
DDR6
Port 6 direction register
R/W
R/W
Port 6
00000000B
000017H
DDR7
Port 7 direction register
R/W
R/W
Port 7
00000000B
000018H
PGDR
Parity generator data register
R/W
R/W
Parity
generator
XXXXXXXXB
000019H
PGCSR
Parity generator control status
register
R/W
R/W
X------0B
00001AH
DDRA
Port A direction register
R/W
R/W
Port A
00000000B
00001BH
DDRB
Port B direction register
R/W
R/W
Port B
00000000B
00001CH
DDRC
Port C direction register
R/W
R/W
Port C
00000000B
00001DH
DDRD
Port D direction register
R/W
R/W
Port D
00000000B
00001EH
DDRE
Port E direction register
R/W
R/W
Port E
00000000B
00001FH
DDR8
Port 8 direction register
R/W
R/W
Port 8
-0000---B


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MB9033016-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90495G16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F36216-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F342E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90867E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB9059516-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90580C16-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB9048016-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn