Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB90378 Datasheet(PDF) 17 Page - Fujitsu Component Limited.

Part No. MB90378
Description  16-bit Proprietary Microcontroller
Download  65 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90378 Datasheet(HTML) 17 Page - Fujitsu Component Limited.

Back Button MB90378 Datasheet HTML 13Page - Fujitsu Component Limited. MB90378 Datasheet HTML 14Page - Fujitsu Component Limited. MB90378 Datasheet HTML 15Page - Fujitsu Component Limited. MB90378 Datasheet HTML 16Page - Fujitsu Component Limited. MB90378 Datasheet HTML 17Page - Fujitsu Component Limited. MB90378 Datasheet HTML 18Page - Fujitsu Component Limited. MB90378 Datasheet HTML 19Page - Fujitsu Component Limited. MB90378 Datasheet HTML 20Page - Fujitsu Component Limited. MB90378 Datasheet HTML 21Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 65 page
background image
MB90378 Series
17
7.
Power supply pins
When a device has two or more VCC or VSS pins, the pins that should have equal potential are connected within
the device in order to prevent a latch-up or other malfunction. To reduce extraneous emission, to prevent a
malfunction of the strobe signal due to an increase in the group level, and to maintain the local output current
rating, connect all these power supply pins to an external power supply and ground them.
The current source should be connected to the VCC and VSS pins of the device with minimum impedance. It is
recommended that a bypass capacitor of about 0.1
µF be connected near the terminals between VCC and VSS.
8.
Analog power-on sequence of A/D converter and D/A converter
The power to the A/D converter and D/A converter (AVCC, AVR) and analog inputs (AN0 to AN11) must be turned
on after the power to the digital circuits (VCC) is turned on. When turning off the power, turn off the power to the
digital circuits (VCC) after turning off the power to the A/D converter, D/A converter and analog inputs. When the
power is turned on or off, AVR should not exceed AVCC. Also, when a pin that is used for A/D analog input is also
used as an input port, the input voltage should not exceed AVCC. (The power to the analog circuits and the power
to the digital circuits can be simultaneously turned on or off.)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MB9033016-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90495G16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F36216-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F342E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90867E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB9059516-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90580C16-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB9048016-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn