Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB90378 Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part No. MB90378
Description  16-bit Proprietary Microcontroller
Download  65 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

MB90378 Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Zoom Inzoom in Zoom Outzoom out
 9 / 65 page
background image
MB90378 Series
9
(Continued)
Pin no.
Pin name
I/O
circuit
Pin status
during
reset
Function
LQFP-144
73
P82
J
Port input
General-purpose Nch open-drain I/O port.
ALERT
ALERT output pin for multi-address I2C.
30, 31
P83, P84
I
General-purpose I/O ports.
INT6, INT7
Can be used as DTP/external interrupt request input ch6, 7.
Input is enabled when 1 is set in ENIR: EN6, 7 in standby mode.
32
P85
I
General-purpose I/O port.
33
P86
I
General-purpose I/O port.
65
P90
T
General-purpose Nch open-drain I/O port.
SCL2
Serial clock I/O pin for bridge circuit.
66
P91
T
General-purpose Nch open-drain I/O port.
SDA2
Serial data I/O pin for bridge circuit.
67
P92
T
General-purpose Nch open-drain I/O port.
SCL3
Serial clock I/O pin for bridge circuit.
68
P93
T
General-purpose Nch open-drain I/O port.
SDA3
Serial data I/O pin for bridge circuit.
69
P94
T
General-purpose Nch open-drain I/O port.
SCL4
Serial clock I/O pin for bridge circuit.
70
P95
T
General-purpose Nch open-drain I/O port.
SDA4
Serial data I/O pin for bridge circuit.
22 to 29
PA0 to PA7
I
General-purpose I/O ports.
EEI0 to
EEI7
External IRQ input pin for Extend External Interrupt request ch0
to 7.
When IRQ detect, prepare to the CPU Interrupt. (Multiplex)
34 to 41
PB0 to PB7
I
General-purpose I/O ports.
EEI8 to
EEI15
External IRQ input pin for Extend External Interrupt request ch8
to 15.
When IRQ detect, prepare to the CPU Interrupt. (Multiplex)
45 to 52
PC0 to PC7
M
A/D input
General-purpose I/O ports.
AN0 to AN7
A/D converter analog input pin 0 to 7. This function is enabled
when the analog input specification is enabled (ADER1).
53,
59 to 61
PD0 to PD3
M
General-purpose I/O ports.
AN8 to
AN11
A/D converter analog input pin 8 to 11. This function is enabled
when the analog input specification is enabled (ADER2).


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MB9033016-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90495G16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F36216-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F342E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90867E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB9059516-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90580C16-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB9048016-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn