Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB90378 Datasheet(PDF) 61 Page - Fujitsu Component Limited.

Part No. MB90378
Description  16-bit Proprietary Microcontroller
Download  65 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90378 Datasheet(HTML) 61 Page - Fujitsu Component Limited.

Back Button MB90378 Datasheet HTML 57Page - Fujitsu Component Limited. MB90378 Datasheet HTML 58Page - Fujitsu Component Limited. MB90378 Datasheet HTML 59Page - Fujitsu Component Limited. MB90378 Datasheet HTML 60Page - Fujitsu Component Limited. MB90378 Datasheet HTML 61Page - Fujitsu Component Limited. MB90378 Datasheet HTML 62Page - Fujitsu Component Limited. MB90378 Datasheet HTML 63Page - Fujitsu Component Limited. MB90378 Datasheet HTML 64Page - Fujitsu Component Limited. MB90378 Datasheet HTML 65Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 61 / 65 page
background image
MB90378 Series
61
■ EXAMPLE CHARACTERISTICS (MB90F378)
• Power Supply Current
(Continued)
Fcin = 16 MHz
Fcin = 10 MHz
Fcin = 8 MHz
Fcin = 4 MHz
Fcin = 2 MHz
TA
= +25 [°C]
ICC [mA]
VCC [V]
50.0
40.0
30.0
20.0
10.0
0.0
2.0
2.5
3.0
3.5
4.0
Fcin = 12 MHz
TA
= +25 [°C]
ICCS [mA]
VCC [V]
18.0
14.0
10.0
2.0
0.0
2.0
2.5
3.0
3.5
4.0
Fcin = 16 MHz
Fcin = 12 MHz
Fcin = 10 MHz
Fcin = 8 MHz
Fcin = 4 MHz
Fcin = 2 MHz
4.0
6.0
8.0
12.0
16.0
VCC [V]
2.5
2.0
1.5
1.0
0.5
0.0
2.5
3.0
3.5
4.0
TA
= +25 [°C]
ICCH [
µA]


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MB9033016-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90495G16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F36216-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F342E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90867E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB9059516-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90580C16-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB9048016-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn