Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90378 Datasheet(PDF) 60 Page - Fujitsu Component Limited.

Part # MB90378
Description  16-bit Proprietary Microcontroller
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90378 Datasheet(HTML) 60 Page - Fujitsu Component Limited.

Back Button MB90378 Datasheet HTML 56Page - Fujitsu Component Limited. MB90378 Datasheet HTML 57Page - Fujitsu Component Limited. MB90378 Datasheet HTML 58Page - Fujitsu Component Limited. MB90378 Datasheet HTML 59Page - Fujitsu Component Limited. MB90378 Datasheet HTML 60Page - Fujitsu Component Limited. MB90378 Datasheet HTML 61Page - Fujitsu Component Limited. MB90378 Datasheet HTML 62Page - Fujitsu Component Limited. MB90378 Datasheet HTML 63Page - Fujitsu Component Limited. MB90378 Datasheet HTML 64Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 65 page
background image
MB90378 Series
60
8.
D/A Electrical Characteristics
(VCC
= AVCC = 2.7 V to 3.6 V, VSS = AVSS = 0.0 V, TA = −40 °C to +85 °C)
* : With load capacitance is 20 pF.
9.
Serial IRQ Electrical Characteristics
(VCC
= 2.7 V to 3.6 V, AVCC = 2.7 V to 3.6 V, VSS = AVSS = 0.0 V, TA = −40 °C to +85 °C)
10. Flash Memory Program/Erase Characteristics
Parameter
Symbol Pin name
Condition
Value
Unit
Remarks
Min
Typ
Max
Resolution
⎯⎯
8
bit
Differential linearity error
⎯⎯
± 0.9
LSB
Non-linearity error
⎯⎯
± 1.5
LSB
Conversion time
⎯⎯
0.6
⎯µs*
Analog output impedance
⎯⎯
2.0
2.9
3.8
k
Power supply current
IDVR
AVCC
⎯⎯
460
µA
IDVRS
AVCC
0.1
⎯µA
D/A stops
Parameter
Symbol Pin name Condition
Value
Unit
Remarks
Min
Typ
Max
“H” level input voltage
VIH
⎯⎯
0.7 VCC
VCC
V
“L” level input voltage
VIL
⎯⎯
VSS
0.3 VCC
V
“H” level output voltage
VOH
⎯⎯
VCC
− 0.5
⎯⎯
V
“L” level output voltage
VOL
⎯⎯
0.4
V
Parameter
Condition
Value
Unit
Remarks
Min
Typ
Max
Sector erase time
(4 Kbytes sector)
TA
= +25 °C
VCC
= 3.0 V
0.2
0.5
s
Excludes 00H programming prior
to erasure
Sector erase time
(16 Kbytes sector)
0.5
7.5
s
Excludes 00H programming prior
to erasure
Chip erase time
4.6
s
Excludes 00H programming prior
to erasure
Byte (8-bit width)
programing time
32
3,600
µs
Except for the over head time of
the system
Program/Erase cycle
10,000
⎯⎯
cycle


Similar Part No. - MB90378

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90378 FUJITSU-MB90378 Datasheet
653Kb / 60P
   f16-bit Proprietary Microcontroller
MB90378 FUJITSU-MB90378_05 Datasheet
653Kb / 60P
   f16-bit Proprietary Microcontroller
More results

Similar Description - MB90378

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com