Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB90378 Datasheet(PDF) 56 Page - Fujitsu Component Limited.

Part No. MB90378
Description  16-bit Proprietary Microcontroller
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90378 Datasheet(HTML) 56 Page - Fujitsu Component Limited.

Back Button MB90378 Datasheet HTML 52Page - Fujitsu Component Limited. MB90378 Datasheet HTML 53Page - Fujitsu Component Limited. MB90378 Datasheet HTML 54Page - Fujitsu Component Limited. MB90378 Datasheet HTML 55Page - Fujitsu Component Limited. MB90378 Datasheet HTML 56Page - Fujitsu Component Limited. MB90378 Datasheet HTML 57Page - Fujitsu Component Limited. MB90378 Datasheet HTML 58Page - Fujitsu Component Limited. MB90378 Datasheet HTML 59Page - Fujitsu Component Limited. MB90378 Datasheet HTML 60Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 65 page
background image
MB90378 Series
56
5.
A/D Converter Electrical Characteristics
(2.7 V
≤ AVR − AVSS, VCC = AVCC = 2.7 V to 3.6 V, VSS = AVSS = 0.0 V, TA = −40 °C to +85 °C)
*: The current when the A/D converter is not operating or the CPU is in stop mode (for VCC
= AVCC = AVR = 3.0 V).
Parameter
Symbol
Pin
name
Value
Unit
Remarks
Min
Typ
Max
Resolution
⎯⎯
10
bit
Total error
⎯⎯
± 3.0
LSB
Non-linear error
⎯⎯
± 2.5
LSB
Differential linearity
error
⎯⎯
± 1.9
LSB
Zero transition
voltage
VOT
AN0 to
AN11
AVSS
1.5 LSB
AVSS
+
0.5 LSB
AVSS
+
5.5 LSB
mV
For MB90V378
AVSS
+
2.5 LSB
For MB90F378
Full-scale transition
voltage
VFST
AN0 to
AN11
AVR
3.5 LSB
AVR
1.5 LSB
AVR
+
0.5 LSB
mV
Conversion time
⎯⎯
3.1
⎯⎯
µs
Actual value is specified as
a sum of values specified in
ADCR0 : CT1, CT0 and
ADCR0 : ST1, ST0. Be sure
that the setting value is
greater than the min value
Sampling period
⎯⎯
2
⎯⎯
µs
Actual value is specified in
ADCR0 : ST1, ST0 bits. Be
sure that the setting value is
greater than the min value
Analog port input
current
IAIN
AN0 to
AN11
0.1
10
µA
Analog input
voltage
VAIN
AN0 to
AN11
AVSS
AVR
V
Reference voltage
AVR
AVSS
+ 2.7
AVCC
V
Power supply
current
IA
AVCC
1.4
6.4
mA
IAH
⎯⎯
5
µA*
Reference voltage
supply current
IR
AVR
94
300
µA
IRH
⎯⎯
5
µA*
Offset between
channels
AN0 to
AN11
⎯⎯
4LSB


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MB90330 16-bit Proprietary Microcontroller 1  2  3  4  5  More Fujitsu Component Limited.
MB90495G 16-bit Proprietary Microcontroller CMOS 1  2  3  4  5  More Fujitsu Component Limited.
MB90F362 16-bit Proprietary Microcontroller 1  2  3  4  5  More Fujitsu Component Limited.
MB90F342E 16-bit Proprietary Microcontroller CMOS 1  2  3  4  5  More Fujitsu Component Limited.
MB90867E 16-bit Proprietary Microcontroller CMOS 1  2  3  4  5  More Fujitsu Component Limited.
MB90595 16-bit Proprietary Microcontroller 1  2  3  4  5  More Fujitsu Component Limited.
MB90580C 16-bit Proprietary Microcontroller 1  2  3  4  5  More Fujitsu Component Limited.
MB90480 16-bit Proprietary Microcontroller 1  2  3  4  5  More Fujitsu Component Limited.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn