Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB90378 Datasheet(PDF) 53 Page - Fujitsu Component Limited.

Part No. MB90378
Description  16-bit Proprietary Microcontroller
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90378 Datasheet(HTML) 53 Page - Fujitsu Component Limited.

Back Button MB90378 Datasheet HTML 49Page - Fujitsu Component Limited. MB90378 Datasheet HTML 50Page - Fujitsu Component Limited. MB90378 Datasheet HTML 51Page - Fujitsu Component Limited. MB90378 Datasheet HTML 52Page - Fujitsu Component Limited. MB90378 Datasheet HTML 53Page - Fujitsu Component Limited. MB90378 Datasheet HTML 54Page - Fujitsu Component Limited. MB90378 Datasheet HTML 55Page - Fujitsu Component Limited. MB90378 Datasheet HTML 56Page - Fujitsu Component Limited. MB90378 Datasheet HTML 57Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 65 page
background image
MB90378 Series
53
(8) PS/2 Interface Timing
(VCC
= 2.7 V to 3.6 V, AVCC = 2.7 V to 3.6 V, VSS = 0.0 V, TA = −40 °C to +85 °C)
Note : tCP is the internal operating clock cycle time. Refer to “(1) Clock Timings” rating for tCP.
Parameter
Symbol
Pin name
Condition
Value
Unit Remarks
Min
Typ
Max
PSCK clock
cycle time
tPCYC
PSCK0 to PSCK2,
PSDA0 to PSDA2
4 tCP
⎯⎯
ns
PSCK
→ PSDA
tPLOV
PSCK0 to PSCK2,
PSDA0 to PSDA2
Transmission Mode
2 tCP
⎯⎯
ns
Valid PSDA
PSCK
tPIVSH
PSCK0 to PSCK2,
PSDA0 to PSDA2
Reception Mode
1 tCP
⎯⎯
ns
PSCK
→ valid
PSDA hold time
tPHIX
PSCK0 to PSCK2,
PSDA0 to PSDA2
1 tCP
⎯⎯
ns
PSCK clock
“H” pulse width
tPHSL
PSCK0 to PSCK2,
PSDA0 to PSDA2
2 tCP
⎯⎯
ns
PSCK clock
“L” pulse width
tPLSH
PSCK0 to PSCK2,
PSDA0 to PSDA2
2 tCP
⎯⎯
ns
PSCK0
PSCK1
PSCK2
PSDA0
PSDA1
PSDA2
PSDA0
PSDA1
PSDA2
tPHIX
tPCYC
tPLOV
tPIVSH
0.8 VCC
0.8 VCC
0.2 VCC
0.8 V
2.4 V
0.8 VCC
0.2 VCC
• Transmission Mode
• Reception Mode


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MB90330 16-bit Proprietary Microcontroller 1  2  3  4  5  More Fujitsu Component Limited.
MB90495G 16-bit Proprietary Microcontroller CMOS 1  2  3  4  5  More Fujitsu Component Limited.
MB90F362 16-bit Proprietary Microcontroller 1  2  3  4  5  More Fujitsu Component Limited.
MB90F342E 16-bit Proprietary Microcontroller CMOS 1  2  3  4  5  More Fujitsu Component Limited.
MB90867E 16-bit Proprietary Microcontroller CMOS 1  2  3  4  5  More Fujitsu Component Limited.
MB90595 16-bit Proprietary Microcontroller 1  2  3  4  5  More Fujitsu Component Limited.
MB90580C 16-bit Proprietary Microcontroller 1  2  3  4  5  More Fujitsu Component Limited.
MB90480 16-bit Proprietary Microcontroller 1  2  3  4  5  More Fujitsu Component Limited.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn