Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB90378 Datasheet(PDF) 51 Page - Fujitsu Component Limited.

Part No. MB90378
Description  16-bit Proprietary Microcontroller
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90378 Datasheet(HTML) 51 Page - Fujitsu Component Limited.

Back Button MB90378 Datasheet HTML 47Page - Fujitsu Component Limited. MB90378 Datasheet HTML 48Page - Fujitsu Component Limited. MB90378 Datasheet HTML 49Page - Fujitsu Component Limited. MB90378 Datasheet HTML 50Page - Fujitsu Component Limited. MB90378 Datasheet HTML 51Page - Fujitsu Component Limited. MB90378 Datasheet HTML 52Page - Fujitsu Component Limited. MB90378 Datasheet HTML 53Page - Fujitsu Component Limited. MB90378 Datasheet HTML 54Page - Fujitsu Component Limited. MB90378 Datasheet HTML 55Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 65 page
background image
MB90378 Series
51
(7) I2C / Multi-address I2C Timing
(VCC
= 2.7 V to 3.6 V, AVCC = 2.7 V to 3.6 V, VSS = AVSS = 0.0 V, TA = −40 °C to +85 °C)
Notes :
• tCP is the internal operating clock cycle time. Refer to “(1) Clock Timings” rating for tCP.
• m is the setting bit of shift clock oscillation defined in the “ICCR register (CS4, CS3)” and “MCCR register
(CS4, CS3)”. Please refer to the MB90378 series H/W manual for details.
• n is the setting bit of shift clock oscillation defined in the “ICCR register (CS2 to CS0)” and “MCCR register
(CS2 to CS0)”. Please refer to the MB90378 series H/W manual for details.
• tDOSU is shown in the interrupt time is longer than the “L” width of SCL.
• SDA and SCL output value is specified on condition that the rise/fall time is “0 ns”.
*1 : At the stop condition or transferring of next byte.
*2 : After setting register bit IBCRH : SCC at restart.
Parameter
Symbol Pin name
Value
Unit
Remarks
Min
Max
Start condition output
tSTA
SCL,
SDA
tCP (m x n/2
− 1) − 20 tCP (m x n/2 − 1) + 20
ns
Master
mode
Stop condition output
tSTO
SCL,
SDA
tCP (m x n/2
+ 3) - 20 tCP (m x n/2 + 3) + 20
ns
Master
mode
Start condition detect
tSTA
SCL,
SDA
tCP
+ 40
ns
Stop condition detect
tSTO
SCL,
SDA
tCP
+ 40
ns
Restart condition output
tSTASU
SCL,
SDA
tCP (m x n/2
+ 3) − 20 tCP (m x n/2 + 3) + 20
ns
Master
mode
Restart condition detect
tSTASU
SCL,
SDA
tCP
+ 40
ns
SCL output “L” width
tLOW
SCL
tCP x m x n/2
− 20
tCP x m x n/2
+ 20
ns
Master
mode
SCL output “H” width
tHIGH
SCL
tCP (m x n/2
+ 2) − 20 tCP (m x n/2 + 2) + 20
ns
Master
mode
SDA output delay
tDO
SDA
tCP x 3
− 20
tCP x 3
+ 20
ns
SDA output setup time
after interrupt
tDOSU
SDA
tCP x m x n/2
− 20
ns
*1
tCP x 4
− 20
ns
*2
SCL input “L” pulse
tLOW
SCL
tCP x 3
+ 40
ns
SCL input “H” pulse
tHIGH
SCL
tCP
+ 40
ns
SDA output setup time
tSU
SDA
40
ns
SDA hold time
tHO
SDA
0
ns


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MB90330 16-bit Proprietary Microcontroller 1  2  3  4  5  More Fujitsu Component Limited.
MB90495G 16-bit Proprietary Microcontroller CMOS 1  2  3  4  5  More Fujitsu Component Limited.
MB90F362 16-bit Proprietary Microcontroller 1  2  3  4  5  More Fujitsu Component Limited.
MB90F342E 16-bit Proprietary Microcontroller CMOS 1  2  3  4  5  More Fujitsu Component Limited.
MB90867E 16-bit Proprietary Microcontroller CMOS 1  2  3  4  5  More Fujitsu Component Limited.
MB90595 16-bit Proprietary Microcontroller 1  2  3  4  5  More Fujitsu Component Limited.
MB90580C 16-bit Proprietary Microcontroller 1  2  3  4  5  More Fujitsu Component Limited.
MB90480 16-bit Proprietary Microcontroller 1  2  3  4  5  More Fujitsu Component Limited.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn