Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB90378 Datasheet(PDF) 50 Page - Fujitsu Component Limited.

Part No. MB90378
Description  16-bit Proprietary Microcontroller
Download  65 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

MB90378 Datasheet(HTML) 50 Page - Fujitsu Component Limited.

Zoom Inzoom in Zoom Outzoom out
 50 / 65 page
background image
MB90378 Series
50
(5) Resources Input Timing
(VCC
= 2.7 V to 3.6 V, AVCC = 2.7 V to 3.6 V, VSS = AVSS = 0.0 V, TA = −40 °C to +85 °C)
Note : tCP is the internal operating clock cycle time. Refer to “(1) Clock Timings” rating for tCP.
(6) Trigger Input Timing
(VCC
= 2.7 V to 3.6 V, AVCC = 2.7 V to 3.6 V, VSS = AVSS = 0.0 V, TA = −40 °C to +85 °C)
Note : tCP is the internal operating clock cycle time. Refer to “(1) Clock Timings” rating for tCP.
Parameter
Symbol
Pin name
Condition
Value
Unit
Remarks
Min
Max
Timer input pulse width
tTIWH
tTIWL
TIN1 to TIN6
4 tCP
ns
Parameter
Symbol
Pin name
Condition
Value
Unit
Remarks
Min
Max
Input pulse width
tTRGH
tTRGL
ADTG,
INT0 to INT7,
EEI0 to EEI15,
KSI0 to KSI7
5 tCP
ns
Normal operation
1
⎯µs
Stop mode
0.8 VCC
0.8 VCC
0.2 VCC
0.2 VCC
tTIWH
tTIWL
TIN1 to TIN6
tTRGH
EEI0 to EEI15
INT0 to INT7
KSI0 to KSI7
ADTG
0.8 VCC
0.8 VCC
0.2 VCC
0.2 VCC
tTRGL
0.7 VCC
0.7 VCC
0.3 VCC
0.3 VCC
tTRGL
tTRGH


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MB9033016-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90495G16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F36216-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F342E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90867E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB9059516-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90580C16-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB9048016-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn