Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB90378 Datasheet(PDF) 40 Page - Fujitsu Component Limited.

Part No. MB90378
Description  16-bit Proprietary Microcontroller
Download  65 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

MB90378 Datasheet(HTML) 40 Page - Fujitsu Component Limited.

Zoom Inzoom in Zoom Outzoom out
 40 / 65 page
background image
MB90378 Series
40
(Continued)
Parameter
Symbol
Pin name
Condition
Value
Unit
Remarks
Min
Typ
Max
Input leakage
current
(Hi-Z output
leakage current)
IIL
All input pins
VCC
= 3.3 V,
VSS
< VI < VCC
−5
5
µA
Open-drain
output leakage
current
ILEAK
P40 to P46, P50,
P80 to P82, P90 to P95,
PF0 to PF7
⎯⎯
5
µA
Power supply
current*
ICC
VCC
VCC
= 3.3 V,
Internal operation
at 20 MHz
56
68
mA
ICCS
VCC
= 3.3 V,
Internal operation
at 20 MHz,
In sleep mode
23
30
mA
ICCL
VCC
= 3.3 V,
External 32 kHz,
Internal operation
at 8 kHz,
In sub-clock
mode,
TA
= + 25 °C
23
80
µA
ICCLS
VCC
= 3.3 V,
External 32 kHz,
Internal operation
at 8 kHz,
In sub-clock sleep
mode,
TA
= + 25 °C
10
50
µA
ICCWAT
VCC
= 3.3 V,
External 32 kHz,
Internal operation
at 8 kHz,
In watch mode,
TA
= + 25 °C
1.5
30
µA
Power supply
current*
ICCT
VCC
VCC
= 3.3 V,
Internal operation
at 20 MHz,
In timebase timer
mode
2.0
3
mA
ICCH
VCC
= 3.3 V,
In stop mode,
TA
= + 25 °C
120
µA
Input
capacitance
CIN
All input pins except
VCC, AVCC, VSS, AVSS
⎯⎯
10
80
pF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MB9033016-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90495G16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F36216-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F342E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90867E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB9059516-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90580C16-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB9048016-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn