Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB90378 Datasheet(PDF) 39 Page - Fujitsu Component Limited.

Part No. MB90378
Description  16-bit Proprietary Microcontroller
Download  65 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90378 Datasheet(HTML) 39 Page - Fujitsu Component Limited.

Back Button MB90378 Datasheet HTML 35Page - Fujitsu Component Limited. MB90378 Datasheet HTML 36Page - Fujitsu Component Limited. MB90378 Datasheet HTML 37Page - Fujitsu Component Limited. MB90378 Datasheet HTML 38Page - Fujitsu Component Limited. MB90378 Datasheet HTML 39Page - Fujitsu Component Limited. MB90378 Datasheet HTML 40Page - Fujitsu Component Limited. MB90378 Datasheet HTML 41Page - Fujitsu Component Limited. MB90378 Datasheet HTML 42Page - Fujitsu Component Limited. MB90378 Datasheet HTML 43Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 65 page
background image
MB90378 Series
39
3.
DC Characteristics
(VCC
= 2.7 V to 3.6 V, AVCC = 2.7 V to 3.6 V, VSS = AVSS = 0.0 V, TA = −40 °C to +85 °C)
(Continued)
Parameter
Symbol
Pin name
Condition
Value
Unit
Remarks
Min
Typ
Max
“H” level
input voltage
VIH
P10 to P17, P20 to P27,
P30 to P37, P46, P47,
P51 to P57, PC0 to PC7,
PD0 to PD7
0.7 VCC
⎯ VCC + 0.3
V
CMOS
input pins
VIHS
P00 to P07, P60 to P67,
P70 to P77, P83 to P86,
PA0 to PA7, PB0 to PB7,
PE0 to PE7, PF0 to PF7,
RST
0.8 VCC
⎯ VCC + 0.3
V
CMOS
hysteresis
input pins
VIHS5
P40 to P45
0.8 VCC
⎯ VSS + 5.5
V
5 V tolerant
CMOS
hysteresis
input pins
VIH5
P50,
P82
0.7 VCC
⎯ VSS + 5.5
V
5 V tolerant
CMOS
input pins
VIHSM
P80, P81,
P90 to P95
2.1
⎯ VSS + 5.5
V
SMbus
input pins
VIHM
MD0 to MD2
VCC
− 0.3 ⎯ VCC + 0.3
V
Mode pins
“L” level
input voltage
VIL
P10 to P17, P20 to P27,
P30 to P37, P46, P47,
P50 to P57, P82,
PC0 to PC7, PD0 to PD7
VSS
− 0.3
0.3 VCC
V
CMOS
input pins
VILS
P00 to P07, P40 to P45,
P60 to P67, P70 to P77,
P83 to P86, PA0 to PA7,
PB0 to PB7, PE0 to PE7,
PF0 to PF7, RST
VSS
− 0.3
0.2 VCC
V
CMOS
hysteresis
input pins
VILSM
P80, P81,
P90 to P95
VSS
− 0.3
0.8
V
SMbus
input pins
VILM
MD0 to MD2
VSS
− 0.3
⎯ VSS + 0.3
V
Mode pins
Open-drain
output pin
application
voltage
VD5
P40 to P45, P50,
P80 to P82, P90 to P95
VSS
− 0.3
⎯ VSS + 5.5
V
VD
P46, PF0 to PF7
VSS
− 0.3
⎯ VCC + 0.3
V
“H” level
output
voltage
VOH1
All port pins except
P40 to P46, P50,
P80 to P82, P90 to P95,
PF0 to PF7
VCC
= 3.0 V
IOH1
= − 4.0 mA
VCC
− 0.5 ⎯⎯
V
“L” level
output
voltage
VOL1
All port pins except
PF0 to PF7
IOL1
= 4.0 mA
⎯⎯
0.4
V
VOL2
PF0 to PF7
IOL2
= 12.0 mA
⎯⎯
0.4
V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MB9033016-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90495G16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F36216-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F342E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90867E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB9059516-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90580C16-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB9048016-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn