Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB90378 Datasheet(PDF) 38 Page - Fujitsu Component Limited.

Part No. MB90378
Description  16-bit Proprietary Microcontroller
Download  65 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90378 Datasheet(HTML) 38 Page - Fujitsu Component Limited.

Back Button MB90378 Datasheet HTML 34Page - Fujitsu Component Limited. MB90378 Datasheet HTML 35Page - Fujitsu Component Limited. MB90378 Datasheet HTML 36Page - Fujitsu Component Limited. MB90378 Datasheet HTML 37Page - Fujitsu Component Limited. MB90378 Datasheet HTML 38Page - Fujitsu Component Limited. MB90378 Datasheet HTML 39Page - Fujitsu Component Limited. MB90378 Datasheet HTML 40Page - Fujitsu Component Limited. MB90378 Datasheet HTML 41Page - Fujitsu Component Limited. MB90378 Datasheet HTML 42Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 65 page
background image
MB90378 Series
38
2.
Recommended Operating Conditions
(VSS
= AVSS = 0.0 V)
*1 : The operating voltage varies with the operation frequency.
*2 : Set AVCC and VCC at the same voltage.
*3 : Take care so that AVR does not exceed VCC + 0.3 V when power is turned on.
WARNING: The recommended operating conditions are required in order to ensure the normal operation of the
semiconductor device. All of the device’s electrical characteristics are warranted when the device is
operated within these ranges.
Always use semiconductor devices within their recommended operating condition ranges. Operation
outside these ranges may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented on
the data sheet. Users considering application outside the listed conditions are advised to contact their
FUJITSU representatives beforehand.
Parameter
Symbol
Value
Unit
Remarks
Min
Max
Power supply voltage *2
VCC
2.7 *1
3.6
V
Normal operation assurance range
VCC
1.8
3.6
V
Retains the RAM state in stop mode
A/D converter reference
input voltage *3
AVR
0
AVCC
V
Normal operation assurance range
LCD power supply voltage
V1 to V3
VSS
VCC
V
V1 to V3 pins
(The optimum value is dependent on the
LCD element in use.)
Operating temperature
TA
− 40
+ 85
°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MB9033016-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90495G16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F36216-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F342E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90867E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB9059516-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90580C16-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB9048016-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn