Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB90378 Datasheet(PDF) 36 Page - Fujitsu Component Limited.

Part No. MB90378
Description  16-bit Proprietary Microcontroller
Download  65 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

MB90378 Datasheet(HTML) 36 Page - Fujitsu Component Limited.

Zoom Inzoom in Zoom Outzoom out
 36 / 65 page
background image
MB90378 Series
36
■ ELECTRICAL CHARACTERISTICS
1.
Absolute Maximum Rating
(Continued)
Parameter
Symbol
Rating
Unit
Remarks
Min
Max
Power supply voltage*1
VCC
VSS
− 0.3 VSS + 4.0
V
AVCC
VSS
− 0.3 VSS + 4.0
V
VCC
≥ AVCC *2
A/D converter reference
input voltage*1
AVR
VSS
− 0.3 VSS + 4.0
V
AVCC
≥ AVR, AVR ≥ AVSS
LCD power supply
voltage*1
V1 to V3
VSS
− 0.3 VSS + 4.0
V
V1 to V3 must not exceed VCC
Input voltage*1
VI1
VSS
− 0.3 VSS + 4.0
V
All pins except P40 to P45,
P80 to P82, P90 to P95 *3
VI2
VSS
− 0.3 VSS + 6.0
V
P40 to P45, P80 to P82, P90 to P95
Output voltage*1
VO
VSS
− 0.3 VSS + 4.0
V
*3
Maximum clamp current
ICLAMP
− 2.0
+ 2.0
mA
*5
Total maximum clamp
current
Σ|ICLAMP|
20
mA
*5
“L” level maximum output
current
IOL1
10
mA
All pins except PF0 to PF7 *4
IOL2
20
mA
PF0 to PF7 *4
“L” level average output
current
IOLAV1
4mA
All pins except PF0 to PF7
Average output current
= operating
current
× operating efficiency
IOLAV2
12
mA
PF0 to PF7
Average output current
= operating
current
× operating efficiency
“L” level total maximum
output current
ΣIOL
100
mA
“L” level total average
output current
ΣIOLAV
50
mA
Average output current
= operating
current
× operating efficiency
“H” level maximum output
current
IOH
⎯− 10
mA
*4
“H” level average output
current
IOHAV
⎯− 3mA
Average output current
= operating
current
× operating efficiency
“H” level total maximum
output current
ΣIOH
⎯− 100
mA
“H” level total average
output current
ΣIOHAV
⎯− 50
mA
Average output current
= operating
current
× operating efficiency
Power consumption
PD
200
mW
Operating temperature
TA
− 40
+ 85
°C
Storage temperature
Tstg
− 55
+ 150
°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MB9033016-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90495G16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F36216-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F342E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90867E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB9059516-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90580C16-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB9048016-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn