Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THN6501S Datasheet(PDF) 2 Page - AUK corp

Part # THN6501S
Description  SiGe NPN Transistor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

THN6501S Datasheet(HTML) 2 Page - AUK corp

  THN6501S Datasheet HTML 1Page - AUK corp THN6501S Datasheet HTML 2Page - AUK corp THN6501S Datasheet HTML 3Page - AUK corp THN6501S Datasheet HTML 4Page - AUK corp THN6501S Datasheet HTML 5Page - AUK corp THN6501S Datasheet HTML 6Page - AUK corp THN6501S Datasheet HTML 7Page - AUK corp THN6501S Datasheet HTML 8Page - AUK corp THN6501S Datasheet HTML 9Page - AUK corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
THN6501 Series
□ Electrical Characteristics ( T
A = 25 ℃ )
VCE = 12 V, IB = 0 mA
VEB = 1 V, IC = 0 mA
VCE = 3 V, IC = 7 mA, f = 1 GHz
VCE = 3 V, IC = 15 mA, f = 1 GHz
VCE = 3 V, IC = 7 mA, f = 1 GHz
VCE = 3 V, IC = 15 mA, f = 1 GHz
VCE = 3 V, IC = 7 mA, f = 1 GHz
VCE = 3 V, IC = 7 mA, f = 1 GHz
VCE = 3 V, IC = 7 mA, f = 1 GHz
VCE = 3 V, IC = 15 mA, f = 1 GHz
VCE = 6 V, IC = 15 mA, f = 1 GHz
10
8
9
dB
dB
dB
Max.
pF
uA
5
0.5
uA
300
GHz
uA
dBm
27
10
dB
15
1.0
0.049
12
12.5
OIP3
Output 3rd Order Intercept
80
150
0.85
Maximum Available Gain
VCB = 10 V, f = 1 MHz
9
9.5
12.5
13
8
IEBO
MAG
Insertion Power Gain
Associated Gain
GA
Emitter Cut-off Current
fT
Transition Frequency
CCB
Collector to Base Capacitance
Minimum Noise Figure
Noise Resistance
rn
NFmin
11
14.5
Min.
Typ.
ICBO
ICEO
VCE = 3 V, IC = 30 mA
Collector Cut-off Current
VCB = 19 V, IE = 0 mA
Value
0.5
|S21|
2
hFE
DC Current Gain
VCE = 3 V, IC = 15 mA
Symbol
Parameter
Test Condition
Unit
2


Similar Part No. - THN6501S

ManufacturerPart #DatasheetDescription
logo
Tachyonics CO,. LTD
THN6501S TACHYONICS-THN6501S Datasheet
231Kb / 13P
   NPN SiGe RF TRANSISTOR
THN6501S TACHYONICS-THN6501S Datasheet
122Kb / 13P
   NPN Planer RF TRANSISTOR
More results

Similar Description - THN6501S

ManufacturerPart #DatasheetDescription
logo
AUK corp
THN6701B AUK-THN6701B Datasheet
543Kb / 6P
   SiGe NPN Transistor
THN6702F AUK-THN6702F Datasheet
192Kb / 4P
   SiGe NPN Transistor
THN4301U AUK-THN4301U Datasheet
257Kb / 15P
   SiGe NPN Transistor
THN6501F AUK-THN6501F Datasheet
189Kb / 11P
   SiGe NPN Transistor
THN4201U AUK-THN4201U Datasheet
239Kb / 12P
   SiGe NPN Transistor
THN405Z AUK-THN405Z Datasheet
178Kb / 5P
   SiGe NPN Transistor
THN6201S AUK-THN6201S Datasheet
252Kb / 13P
   SiGe NPN Transistor
THN6301S AUK-THN6301S Datasheet
221Kb / 11P
   SiGe NPN Transistor
THN5702F AUK-THN5702F Datasheet
257Kb / 8P
   SiGe NPN Transistor
THN4501U AUK-THN4501U Datasheet
257Kb / 15P
   SiGe NPN Transistor
THN420Z AUK-THN420Z Datasheet
245Kb / 5P
   SiGe NPN Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com