Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB90330 Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part No. MB90330
Description  16-bit Proprietary Microcontroller
Download  116 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90330 Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  MB90330 Datasheet HTML 1Page - Fujitsu Component Limited. MB90330 Datasheet HTML 2Page - Fujitsu Component Limited. MB90330 Datasheet HTML 3Page - Fujitsu Component Limited. MB90330 Datasheet HTML 4Page - Fujitsu Component Limited. MB90330 Datasheet HTML 5Page - Fujitsu Component Limited. MB90330 Datasheet HTML 6Page - Fujitsu Component Limited. MB90330 Datasheet HTML 7Page - Fujitsu Component Limited. MB90330 Datasheet HTML 8Page - Fujitsu Component Limited. MB90330 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 116 page
background image
MB90330 Series
3
■ INTERNAL PERIPHERAL FUNCTION (RESOURCE)
• I/O port : Max 94 ports
• Time-base timer : 1 channel
• Watchdog timer : 1 channel
• Watch timer : 1channel
• 16-bit reload timer : 3 channels
• Multi-functional timer
• 16-bit free run timer : 1 channel
• Output compare : 4 channels
An interrupt request can be output when the 16-bit free-run timer value matches the compare register value.
• Input capture : 4channels
Upon detection of the effective edge of the signal input to the external input pin, the input capture unit sets the
input capture data register to the 16-bit free-run timer value to output an interrupt request.
• 8/16-bit PPG timer (8-bit
× 6 channels or 16-bit × 3 channels) the period and duty of the output pulse can be
set by the program.
• 16-bit PWC timer : 1 channel
Timer function and pulse width measurement function
• UART : 4 channels
• Full-duplex double buffer (8-bit length)
• Asynchronous transfer or clock-synchronous serial (I/O extended serial) transfer can be set.
• I/O extended serial interface : 1 channel
• DTP/External interrupt circuit (8 channels)
• Activate the extended intelligent I/O service by external interrupt input
• Interrupt output by external interrupt input
• Delay interrupt output module
• Output an interrupt request for task switching
• 8/10-bit A/D converter : 16 channels
• 8-bit resolution or 10-bit resolution can be set.
• USB : 1 channel
• USB function (conform to USB2.0 Full Speed)
• Full Speed is supported/Endpoint are specifiable up to six.
• Dual port RAM (The FIFO mode is supported).
• Transfer type : Control, Interrupt, Bulk, or Isochronous transfer possible
• USB Mini-HOST function
• I2C* Interface : 3 channels
• Supports Intel SM bus standard and Phillips I2C bus standards
• Two-wire data transfer protocol specification
• Master and slave transmission/reception
* : I2C license :
Purchase of Fujitsu I2C components conveys a license under the Philips I2C Patent Rights to use, these
components in an I2C system provided that the system conforms to the I2C Standard Specification as defined
by Philips.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MB90495G16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F36216-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F342E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90867E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB9059516-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90580C16-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB9048016-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB9039016-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn