Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB90330 Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part No. MB90330
Description  16-bit Proprietary Microcontroller
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90330 Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  MB90330 Datasheet HTML 1Page - Fujitsu Component Limited. MB90330 Datasheet HTML 2Page - Fujitsu Component Limited. MB90330 Datasheet HTML 3Page - Fujitsu Component Limited. MB90330 Datasheet HTML 4Page - Fujitsu Component Limited. MB90330 Datasheet HTML 5Page - Fujitsu Component Limited. MB90330 Datasheet HTML 6Page - Fujitsu Component Limited. MB90330 Datasheet HTML 7Page - Fujitsu Component Limited. MB90330 Datasheet HTML 8Page - Fujitsu Component Limited. MB90330 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 116 page
background image
DS07-13734-1E
FUJITSU SEMICONDUCTOR
DATA SHEET
16-bit Proprietary Microcontroller
CMOS
F2MC-16LX MB90330 Series
MB90333A/F334A/V330A
■ DESCRIPTION
The MB90330 series are 16-bit microcontrollers designed for applications, such as personal computer peripheral
devices, that require USB communications. The USB feature supports not only 12-Mbps Function operation but
also Mini-HOST operation. It is equipped with functions that are suitable for personal computer peripheral devices
such as displays and audio devices, and control of mobile devices that support USB communications. While
inheriting the AT architecture of the F2MC* family, the instruction set supports the C language and extended
addressing modes and contains enhanced signed multiplication and division instructions as well as a substantial
collection of improved bit manipulation instructions. In addition, long word processing is now available by intro-
ducing a 32-bit accumulator.
* : F2MC stands for FUJITSU Flexible Microcontroller, a registered trademark of FUJITSU LIMITED.
■ FEATURES
• Clock
• Built-in oscillation circuit and PLL clock frequency multiplication circuit
• Oscillation clock
• The main clock is the oscillation clock divided into 2 (for oscillation 6 MHz : 3 MHz)
• Clock for USB is 48 MHz
• Machine clock frequency of 6 MHz, 12 MHz, or 24 MHz selectable
• Minimum execution time of instruction : 41.6 ns (6 MHz oscillation clock, 4-time multiplied : machine clock
24 MHz and at operating VCC
= 3.3 V.
(Continued)
■ PACKAGES
120-pin Plastic LQFP
120-pin Plastic LQFP
(FPT-120P-M05)
(FPT-120P-M21)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MB90495G 16-bit Proprietary Microcontroller CMOS 1  2  3  4  5  More Fujitsu Component Limited.
MB90F362 16-bit Proprietary Microcontroller 1  2  3  4  5  More Fujitsu Component Limited.
MB90F342E 16-bit Proprietary Microcontroller CMOS 1  2  3  4  5  More Fujitsu Component Limited.
MB90867E 16-bit Proprietary Microcontroller CMOS 1  2  3  4  5  More Fujitsu Component Limited.
MB90595 16-bit Proprietary Microcontroller 1  2  3  4  5  More Fujitsu Component Limited.
MB90580C 16-bit Proprietary Microcontroller 1  2  3  4  5  More Fujitsu Component Limited.
MB90480 16-bit Proprietary Microcontroller 1  2  3  4  5  More Fujitsu Component Limited.
MB90390 16-bit Proprietary Microcontroller 1  2  3  4  5  More Fujitsu Component Limited.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn