Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S7810D Datasheet(PDF) 2 Page - AUK corp

Part # S7810D
Description  Fixed Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

S7810D Datasheet(HTML) 2 Page - AUK corp

  S7810D Datasheet HTML 1Page - AUK corp S7810D Datasheet HTML 2Page - AUK corp S7810D Datasheet HTML 3Page - AUK corp S7810D Datasheet HTML 4Page - AUK corp S7810D Datasheet HTML 5Page - AUK corp S7810D Datasheet HTML 6Page - AUK corp S7810D Datasheet HTML 7Page - AUK corp S7810D Datasheet HTML 8Page - AUK corp S7810D Datasheet HTML 9Page - AUK corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
KSD-I6O003-000
2
S78xxD
Absolute Maximum Ratings
Ta=25
°C
Characteristic
Symbol
Rating
Unit
40 (S7824D)
V
Input voltage
VI
35 (ALL Others)
V
PD1 (Note1)
4.5
Power dissipation
PD2 (Note2)
1.5
W
Operating temperature range
Topr
-40 ~ +85
°C
Junction temperature
TJ
150
°C
Storage temperature range
Tstg
-55 ~ +150
°C
Note 1 : Mounted on a glass epoxy circuit board of 50.8 x 50.8mm. (at 1oz copper area)
Note 2 : No Heat sink
Device Selection Guide
Device
Output Voltage
S7805D
5V
S7806D
6V
S7808D
8V
S7809D
9V
S7810D
10V
S7812D
12V
S7815D
15V
S7824D
24V


Similar Part No. - S7810D

ManufacturerPart #DatasheetDescription
logo
AUK corp
S7810D AUK-S7810D Datasheet
274Kb / 10P
   Fixed Voltage Regulator
More results

Similar Description - S7810D

ManufacturerPart #DatasheetDescription
logo
AUK corp
S79XXD AUK-S79XXD Datasheet
264Kb / 8P
   Fixed Voltage Regulator
S78XXD AUK-S78XXD Datasheet
274Kb / 10P
   Fixed Voltage Regulator
S7805P AUK-S7805P Datasheet
149Kb / 3P
   Fixed Voltage Regulator
S7805PIC AUK-S7805PIC_06 Datasheet
287Kb / 11P
   Fixed Voltage Regulator
S78XXPI AUK-S78XXPI Datasheet
285Kb / 10P
   Fixed Voltage Regulator
S78XXPIC AUK-S78XXPIC Datasheet
282Kb / 10P
   Fixed Voltage Regulator
S79XXD AUK-S79XXD_1 Datasheet
294Kb / 8P
   Fixed Voltage Regulator
S78XXP AUK-S78XXP Datasheet
303Kb / 11P
   Fixed Voltage Regulator
logo
HTC Korea TAEJIN Techno...
LM78LXX HTC-LM78LXX Datasheet
280Kb / 13P
   FIXED VOLTAGE REGULATOR
logo
Seaward Electronics Inc...
SE78MXX SEAWARD-SE78MXX Datasheet
163Kb / 4P
   Fixed Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com