Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S7809D Datasheet(PDF) 9 Page - AUK corp

Part # S7809D
Description  Fixed Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

S7809D Datasheet(HTML) 9 Page - AUK corp

Back Button S7809D Datasheet HTML 3Page - AUK corp S7809D Datasheet HTML 4Page - AUK corp S7809D Datasheet HTML 5Page - AUK corp S7809D Datasheet HTML 6Page - AUK corp S7809D Datasheet HTML 7Page - AUK corp S7809D Datasheet HTML 8Page - AUK corp S7809D Datasheet HTML 9Page - AUK corp S7809D Datasheet HTML 10Page - AUK corp S7809D Datasheet HTML 11Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
KSD-I6O003-000
9
S78xxD
Electrical Characteristics
(Electrical Characteristics at 0℃≤TJ≤125℃and VI =23V, IO =500 ㎃, Unless otherwise specified)
S7815D
Characteristic
Symbol
Test Condition*
Min.
Typ.
Max.
Unit
TJ =25℃
14.40
15
15.60
Output Voltage**
VO
IO=5 ㎃ ~ 1000 ㎃
VI=17.5V ~ 30V
0℃≤TJ≤125℃
14.25
15
15.75
V
VI=17.5V ~ 30V
-
12
300
Line Regulation
VO(△VI)
VI=20V ~ 26V
TJ =25℃
-
3
150
IO=5 ㎃ ~ 1000 ㎃
-
12
300
Load Regulation
VO(△IL)
IO=250 ㎃ ~ 750 ㎃
TJ =25℃
-
4
150
Quiescent Current
IQC
TJ =25℃
-
4.3
8
Temperature coefficient of
Output voltage
VO/
Temp
IO=5 ㎃
0℃≤TJ≤125℃
-
-1.0
-
/℃
VI = 17.5V ~ 30V
-
-
1
Quiescent Current Change
IQC
IO = 5 ㎃ ~ 1000 ㎃
0℃≤TJ≤125℃
-
-
0.5
Dropout Voltage
VDROP
IO=1000 ㎃
TJ =25℃
-
2.0
-
V
Ripple Rejection Ratio
RR
f=120 ㎐
VI =18.5V ~ 28.5V
0℃≤TJ≤125℃
54
70
Short-Circuit Current Limit
ISO
TJ =25℃
-
0.23
-
A
Pulse testing techniques are used to maintain the junction temperature as close to the ambient
temperature as possible. Thermal effects must be taken into separately.
** This specification applies only for dc power dissipation permitted by absolute maximum ratings.


Similar Part No. - S7809D

ManufacturerPart #DatasheetDescription
logo
AUK corp
S7809D AUK-S7809D Datasheet
274Kb / 10P
   Fixed Voltage Regulator
More results

Similar Description - S7809D

ManufacturerPart #DatasheetDescription
logo
AUK corp
S79XXD AUK-S79XXD Datasheet
264Kb / 8P
   Fixed Voltage Regulator
S78XXD AUK-S78XXD Datasheet
274Kb / 10P
   Fixed Voltage Regulator
S7805P AUK-S7805P Datasheet
149Kb / 3P
   Fixed Voltage Regulator
S7805PIC AUK-S7805PIC_06 Datasheet
287Kb / 11P
   Fixed Voltage Regulator
S78XXPI AUK-S78XXPI Datasheet
285Kb / 10P
   Fixed Voltage Regulator
S78XXPIC AUK-S78XXPIC Datasheet
282Kb / 10P
   Fixed Voltage Regulator
S79XXD AUK-S79XXD_1 Datasheet
294Kb / 8P
   Fixed Voltage Regulator
S78XXP AUK-S78XXP Datasheet
303Kb / 11P
   Fixed Voltage Regulator
logo
HTC Korea TAEJIN Techno...
LM78LXX HTC-LM78LXX Datasheet
280Kb / 13P
   FIXED VOLTAGE REGULATOR
logo
Seaward Electronics Inc...
SE78MXX SEAWARD-SE78MXX Datasheet
163Kb / 4P
   Fixed Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com