Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB90480 Datasheet(PDF) 33 Page - Fujitsu Component Limited.

Part No. MB90480
Description  16-bit Proprietary Microcontroller
Download  120 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90480 Datasheet(HTML) 33 Page - Fujitsu Component Limited.

Back Button MB90480 Datasheet HTML 29Page - Fujitsu Component Limited. MB90480 Datasheet HTML 30Page - Fujitsu Component Limited. MB90480 Datasheet HTML 31Page - Fujitsu Component Limited. MB90480 Datasheet HTML 32Page - Fujitsu Component Limited. MB90480 Datasheet HTML 33Page - Fujitsu Component Limited. MB90480 Datasheet HTML 34Page - Fujitsu Component Limited. MB90480 Datasheet HTML 35Page - Fujitsu Component Limited. MB90480 Datasheet HTML 36Page - Fujitsu Component Limited. MB90480 Datasheet HTML 37Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 120 page
background image
MB90480/485 Series
33
■ PERIPHERAL RESOURCES
1.
I/O Ports
The I/O ports perform the functions of either sending data from the CPU to the I/O pins, or loading information
from the I/O into the CPU, according to the setting of the corresponding port data register (PDR) . The input/
output direction of each I/O pin can be set in individual bit units by the port direction register (DDR) for each I/
O port.
The MB90480/485 series has 84 input/output pins. The I/O ports are port 0 through port A.
(1) Port Data Registers
*1 : The R/W indication for I/O ports is somewhat different than R/W access to memory, and involves the following
operations.
• Input mode
Read : Reads the corresponding signal pin level.
Write : Writes to the output latch.
• Output mode
Read : Reads the value from the data register latch.
Write : Outputs the value to the corresponding signal pin.
*2 : The initial value of this bit is “11XXXXXXB” on MB90485 series.
PDR0
Initial value
Access
Address : 000000H
Undefined
R/W
*1
PDR1
Address : 000001H
Undefined
R/W
*1
PDR2
Address : 000002H
Undefined
R/W
*1
PDR3
Address : 000003H
Undefined
R/W
*1
PDR4
Address : 000004H
Undefined
R/W
*1
PDR5
Address : 000005H
Undefined
R/W
*1
PDR6
Address : 000006H
Undefined
R/W
*1
PDR7
Address : 000007H
Undefined
*2 R/W*1
PDR8
Address : 000008H
Undefined
R/W
*1
PDR9
Address : 000009H
Undefined
R/W
*1
PDRA
Address : 00000AH
Undefined
R/W
*1
76
5
4
3
2
1
0
P06
P07
P05
P04
P03
P02
P01
P00
76
5
4
3
2
1
0
P16
P17
P15
P14
P13
P12
P11
P10
76
5
4
3
2
1
0
P26
P27
P25
P24
P23
P22
P21
P20
P36
P37
P35
P34
P33
P32
P31
P30
76
5
4
3
2
1
0
76
5
4
3
2
1
0
P46
P47
P45
P44
P43
P42
P41
P40
P56
P57
P55
P54
P53
P52
P51
P50
76
5
4
3
2
1
0
76
5
4
3
2
1
0
P66
P67
P65
P64
P63
P62
P61
P60
P76
P77
P75
P74
P73
P72
P71
P70
76
5
4
3
2
1
0
76
5
4
3
2
1
0
P86
P87
P85
P84
P83
P82
P81
P80
P96
P97
P95
P94
P93
P92
P91
P90
76
5
4
3
2
1
0
76
5
4
3
2
1
0
⎯⎯
PA3
PA2
PA1
PA0


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MB90495G16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F36216-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F342E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90867E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB9059516-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90580C16-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90350E16-bit Proprietary Microcontrollers 1 2 3 4 5 MoreFujitsu Component Limited.
XA-G37XA 16-bit microcontroller family 32K OTP 512 B RAM watchdog 2 UARTs 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn