Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB90480 Datasheet(PDF) 31 Page - Fujitsu Component Limited.

Part No. MB90480
Description  16-bit Proprietary Microcontroller
Download  120 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90480 Datasheet(HTML) 31 Page - Fujitsu Component Limited.

Back Button MB90480 Datasheet HTML 27Page - Fujitsu Component Limited. MB90480 Datasheet HTML 28Page - Fujitsu Component Limited. MB90480 Datasheet HTML 29Page - Fujitsu Component Limited. MB90480 Datasheet HTML 30Page - Fujitsu Component Limited. MB90480 Datasheet HTML 31Page - Fujitsu Component Limited. MB90480 Datasheet HTML 32Page - Fujitsu Component Limited. MB90480 Datasheet HTML 33Page - Fujitsu Component Limited. MB90480 Datasheet HTML 34Page - Fujitsu Component Limited. MB90480 Datasheet HTML 35Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 120 page
background image
MB90480/485 Series
31
INTERRUPT SOURCES, INTERRUPT VECTORS, AND INTERRUPT CONTROL REGISTERS
(Continued)
Interrupt source
Clear of
EI2OS
µDMAC
channel
number
Interrupt vector
Interrupt control register
Number
Address
Number
Address
Reset
×
#08
FFFFDCH
⎯⎯
INT9 instruction
×
#09
FFFFD8H
⎯⎯
Exception
×
#10
FFFFD4H
⎯⎯
INT0 (IRQ0)
0
#11
FFFFD0H
ICR00
0000B0H
INT1 (IRQ1)
×
#12
FFFFCCH
INT2 (IRQ2)
×
#13
FFFFC8H
ICR01
0000B1H
INT3 (IRQ3)
×
#14
FFFFC4H
INT4 (IRQ4)
×
#15
FFFFC0H
ICR02
0000B2H
INT5 (IRQ5)
×
#16
FFFFBCH
INT6 (IRQ6)
×
#17
FFFFB8H
ICR03
0000B3H
INT7 (IRQ7)
×
#18
FFFFB4H
PWC1 (MB90485 series only)
×
#19
FFFFB0H
ICR04
0000B4H
PWC2 (MB90485 series only)
×
#20
FFFFACH
PWC0 (MB90485 series only)
1
#21
FFFFA8H
ICR05
0000B5H
PPG0/PPG1 counter borrow
×
×
#22
FFFFA4H
PPG2/PPG3 counter borrow
×
×
#23
FFFFA0H
ICR06
0000B6H
PPG4/PPG5 counter borrow
×
×
#24
FFFF9CH
8/16-bit up/down counter/
timer (ch.0, ch.1) compare/
underflow/overflow/up/down
inversion
×
#25
FFFF98H
ICR07
0000B7H
Input capture (ch.0) load
5
#26
FFFF94H
Input capture (ch.1) load
6
#27
FFFF90H
ICR08
0000B8H
Output compare (ch.0) match
8
#28
FFFF8CH
Output compare (ch.1) match
9
#29
FFFF88H
ICR09
0000B9H
Output compare (ch.2) match
10
#30
FFFF84H
Output compare (ch.3) match
×
#31
FFFF80H
ICR10
0000BAH
Output compare (ch.4) match
×
#32
FFFF7CH
Output compare (ch.5) match
×
#33
FFFF78H
ICR11
0000BBH
UART sending completed
11
#34
FFFF74H
16-bit free run timer overflow,
16-bit reload timer underflow*2
12
#35
FFFF70H
ICR12
0000BCH
UART receiving completed
7
#36
FFFF6CH
SIO1 (ch.0)
13
#37
FFFF68H
ICR13
0000BDH
SIO2 (ch.1)
14
#38
FFFF64H


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MB90495G16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F36216-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F342E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90867E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB9059516-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90580C16-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90350E16-bit Proprietary Microcontrollers 1 2 3 4 5 MoreFujitsu Component Limited.
XA-G37XA 16-bit microcontroller family 32K OTP 512 B RAM watchdog 2 UARTs 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn