Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB90480 Datasheet(PDF) 29 Page - Fujitsu Component Limited.

Part No. MB90480
Description  16-bit Proprietary Microcontroller
Download  120 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90480 Datasheet(HTML) 29 Page - Fujitsu Component Limited.

Back Button MB90480 Datasheet HTML 25Page - Fujitsu Component Limited. MB90480 Datasheet HTML 26Page - Fujitsu Component Limited. MB90480 Datasheet HTML 27Page - Fujitsu Component Limited. MB90480 Datasheet HTML 28Page - Fujitsu Component Limited. MB90480 Datasheet HTML 29Page - Fujitsu Component Limited. MB90480 Datasheet HTML 30Page - Fujitsu Component Limited. MB90480 Datasheet HTML 31Page - Fujitsu Component Limited. MB90480 Datasheet HTML 32Page - Fujitsu Component Limited. MB90480 Datasheet HTML 33Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 120 page
background image
MB90480/485 Series
29
(Continued)
* : These registers are only for MB90485 series.
They are used as the reserved area on MB90480 series.
(Continued)
Address
Register name
Abbreviated
register
name
Read/
Write
Resource name
Initial value
B9H
Interrupt control register 09
ICR09
W, R/W
Interrupt controller
XXXX0111B
BAH
Interrupt control register 10
ICR10
W, R/W
XXXX0111B
BBH
Interrupt control register 11
ICR11
W, R/W
XXXX0111B
BCH
Interrupt control register 12
ICR12
W, R/W
XXXX0111B
BDH
Interrupt control register 13
ICR13
W, R/W
XXXX0111B
BEH
Interrupt control register 14
ICR14
W, R/W
XXXX0111B
BFH
Interrupt control register 15
ICR15
W, R/W
XXXX0111B
C0H
Chip select area mask register 0
CMR0
R/W
Chip select
function
00001111B
C1H
Chip select area register 0
CAR0
R/W
11111111B
C2H
Chip select area mask register 1
CMR1
R/W
00001111B
C3H
Chip select area register 1
CAR1
R/W
11111111B
C4H
Chip select area mask register 2
CMR2
R/W
00001111B
C5H
Chip select area register 2
CAR2
R/W
11111111B
C6H
Chip select area mask register 3
CMR3
R/W
00001111B
C7H
Chip select area register 3
CAR3
R/W
11111111B
C8H
Chip select control register
CSCR
R/W
----000*B
C9H
Chip select active level register
CALR
R/W
----0000B
CAH
Timer control status register
TMCSR
R/W
16-bit reload timer
00000000B
CBH
----0000B
CCH
16-bit timer register/
16-bit reload register
TMR/TMRLR
R/W
XXXXXXXXB
CDH
CEH
(Reserved area)
CFH
PLL output control register
PLLOS
W
Low-power
consumption
------X0B
D0H to FFH
(External area)
100H to #H
(RAM area)
1FF0H
Program address detection register 0
(Low order address)
PADR0
R/W
Address match
detection function
XXXXXXXXB
1FF1H
Program address detection register 0
(Middle order address)
1FF2H
Program address detection register 0
(High order address)
1FF3H
Program address detection register 1
(Low order address)
PADR1
R/W
Address match
detection function
XXXXXXXXB
1FF4H
Program address detection register 1
(Middle order address)
1FF5H
Program address detection register 1
(High order address)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MB90495G16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F36216-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F342E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90867E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB9059516-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90580C16-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90350E16-bit Proprietary Microcontrollers 1 2 3 4 5 MoreFujitsu Component Limited.
XA-G37XA 16-bit microcontroller family 32K OTP 512 B RAM watchdog 2 UARTs 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn